Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2023K Datasheet(PDF) 22 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 22 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 18Page - RICOH electronics devices division R2023K Datasheet HTML 19Page - RICOH electronics devices division R2023K Datasheet HTML 20Page - RICOH electronics devices division R2023K Datasheet HTML 21Page - RICOH electronics devices division R2023K Datasheet HTML 22Page - RICOH electronics devices division R2023K Datasheet HTML 23Page - RICOH electronics devices division R2023K Datasheet HTML 24Page - RICOH electronics devices division R2023K Datasheet HTML 25Page - RICOH electronics devices division R2023K Datasheet HTML 26Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
R2023K/T
22
is because there are two pins of SDA and SCL.
The third member, (charging/discharging times per unit time)
means number of transition from “H” to “L” of the signal line.
Calculation example is shown below:
Pull-up resistor (Rp) = 10k
Ω, Bus capacity = 50pF(both for SCL, SDA), VDD=3V,
In a system with sum of input current and off-state output current of each pin = 0.1
µA,
I
2C-Bus is used for 10ms every second while the rest of 990ms in the stand-by mode,
In this mode, number of transitions of the SCL pin from “H” to “L” state is 100 while SDA 50, every second.
Bus consumption current
≈
0.1
µA×990msec
990msec + 10msec
+
3V
× 10msec × 2
10K
Ω × 2 × (990msec + 10msec)
+ 3V
× 50pF × (100 + 50)
≈ 0.099µA + 3.0µA + 0.0225µA ≈ 3.12µA
Generally, the second member of the above formula is larger enough than the first and the third members bus
consumption current may be determined by the second member is many cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com