Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5620 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA5620
Description  Fully integrated RF front-end for GPS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5620 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA5620 Datasheet HTML 6Page - STMicroelectronics STA5620 Datasheet HTML 7Page - STMicroelectronics STA5620 Datasheet HTML 8Page - STMicroelectronics STA5620 Datasheet HTML 9Page - STMicroelectronics STA5620 Datasheet HTML 10Page - STMicroelectronics STA5620 Datasheet HTML 11Page - STMicroelectronics STA5620 Datasheet HTML 12Page - STMicroelectronics STA5620 Datasheet HTML 13Page - STMicroelectronics STA5620 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Functional description
STA5620
10/29
3.5
PLL synthesizer and VCO
The PLL synthesizer is fully integrated on-chip, it is made by the voltage controlled oscillator
(VCO), prescaler, dividers, phase-frequency detector (PFD), charge pump (CP) and loop
filter. Both the reference divider R and the feedback divider N are programmable helping the
user to choose the reference clock. The R divider ranges from 1 to 63 while the N divider
from 56 to 4095.
In order to achieve good phase noise performances, a LC voltage controlled oscillator has
been chosen. Quadrature signals are provided by means of a Polyphase filter.
A programmable loop filter is integrated on-chip to reduce the number of external
components. The loop stability is guaranteed for any of the supported crystals and
comparison frequencies.
The charge pump is programmable and the output current can be selected among the
following values: 50µA, 100µA, 150µA and 200µA.
3.6
Crystal oscillator
The reference oscillator circuit is a CMOS inverter able to work with external crystals up to
40 MHz. The crystal must be connected between the xtal input and the xtal output pins. The
load capacitances must be chosen in accordance to the values specified by the crystal
manufacturer. A limiting resistor can be placed at the output of the inverter in order to
contain the power dissipated in the crystal within its specified maximum value.
When a TCXO is used the external reference clock must be applied to the XTAL_IN
terminal.
3.7
Output buffers
The RF front-end provides a set of four different signals to the baseband chip.
The SIGN and the MAG outputs are the sampled bit streams of the down-converted
received signal.
GPS_CLK, nominally equal to 16.368 MHz, is the clock signal used by the baseband. Its
source can be chosen among the crystal oscillator signal and the VCO signal by means of a
96 divider.
XTAL_CLK is the buffered copy of either the crystal oscillator or the TCXO signal.
In order to let the application find the best compromise between electro-magnetic
interferences and the drivers speed, the output stages slew-rate can be programmed by
SPI.
3.8
SPI interface
A SPI interface manages the communication between the baseband chip and the RF front-
end. Four lines are required to accomplish this task: a data input line (SPI_DI), a data output
line (SPI_DO), a clock line (SPI_CLK) and a chip select line (SPI_CS/) active low.
Any information can be passed to the RF receiver through the SPI interface depending on
the CHIP_EN and RF_EN input pins status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com