Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5620 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA5620
Description  Fully integrated RF front-end for GPS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5620 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA5620 Datasheet HTML 11Page - STMicroelectronics STA5620 Datasheet HTML 12Page - STMicroelectronics STA5620 Datasheet HTML 13Page - STMicroelectronics STA5620 Datasheet HTML 14Page - STMicroelectronics STA5620 Datasheet HTML 15Page - STMicroelectronics STA5620 Datasheet HTML 16Page - STMicroelectronics STA5620 Datasheet HTML 17Page - STMicroelectronics STA5620 Datasheet HTML 18Page - STMicroelectronics STA5620 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
STA5620
Pin and I/O cells
15/29
5
Pin and I/O cells
5.1
Mode
This pin allows a choice of initial configuration of the registers at reset. This pin will always
be an input. In application this pin will be connected either LO or HI.
When it is low the chip is configured to use 16.368MHz as reference frequency, otherwise
the reference frequency is 19.2MHz. To use other reference frequencies the MODE bit must
be overwritten by SPI.
5.2
RF_EN
This pin provides control over the operating state of the RF and PLL sections. When it is low
those blocks are off, when high the status of the blocks depends of CHIP_EN. This pin will
always be an input.
5.3
CHIP_EN
This pin provides control over the operating state of the chip. When it is low the entire chip is
disabled and only a leakage current is present (< 10µA). On the rising edge it provides the
SPI with a reset signal, the SPI default status depends on MODE and RF_EN pins status.
When it is high the entire chip is enabled. This pin will always be an input.
5.4
TEST_EN1, TEST_EN2 and TEST_CLK
Those PINs are for ST test only. In the application TEST_EN1 must be set LOW, TEST_EN2
must be set HIGH (VCC_IO) and TEST_CLK must be not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com