Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5620 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA5620
Description  Fully integrated RF front-end for GPS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5620 Datasheet(HTML) 1 Page - STMicroelectronics

  STA5620 Datasheet HTML 1Page - STMicroelectronics STA5620 Datasheet HTML 2Page - STMicroelectronics STA5620 Datasheet HTML 3Page - STMicroelectronics STA5620 Datasheet HTML 4Page - STMicroelectronics STA5620 Datasheet HTML 5Page - STMicroelectronics STA5620 Datasheet HTML 6Page - STMicroelectronics STA5620 Datasheet HTML 7Page - STMicroelectronics STA5620 Datasheet HTML 8Page - STMicroelectronics STA5620 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
July 2007
Rev 1
1/29
1
STA5620
Fully integrated RF front-end for GPS
Features
■ Low IF architecture (fIF = 4fO)
■ Minimum external components
■ VGA gain internally regulated
■ On chip programmable PLL
■ Typ. 2.7V supply voltage
■ SPI interface
■ 2kV HBM ESD protected
■ Compatible with GPS L1
■ Standard QFN-32 package
■ Low power for portable designs
Description
The chip is a fully integrated RF front-end able to
down-convert the GPS L1 signal from
1575.42MHz to 4.092MHz.
The IF signal is converted by a two bit ADC. Sign
(SIGN), Magnitude (MAG) and the 16.368MHz
sampling clock (GPS_CLK) are provided to the
baseband.
The magnitude data is internally integrated in
order to control the variable gain amplifiers in
accordance to the RF input signal strength.
An excellent quality of reception in critical
environments is ensured by the good noise figure
and linearity of the receiver.
The on-chip oscillator supports crystal
frequencies in the range of 10MHz to 40MHz. It is
able to support TCXO providing also a buffered
copy of the oscillator frequency.
The chip, using STMicroelectronics BiCMOS
SiGe technology, is housed in a QFN-32 package.
VFQFPN-32L
Table 1.
Device summary
Order code
Marking
Package
Packing
STA5620TR
STA5620
VFQFPN-32L
Tape & reel
www.st.com


Similar Part No. - STA5620

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA5630 STMICROELECTRONICS-STA5630 Datasheet
85Kb / 7P
Low power GPS RF front-end
22-Jul-2009
STA5630TR STMICROELECTRONICS-STA5630TR Datasheet
85Kb / 7P
Low power GPS RF front-end
22-Jul-2009
STA5635A STMICROELECTRONICS-STA5635A Datasheet
783Kb / 20P
Automotive Universal GNSS RF Receiver
02-Dec-2020
STA5635S STMICROELECTRONICS-STA5635S Datasheet
237Kb / 7P
Automotive universal GNSS RF receiver
16-Nov-2020
More results

Similar Description - STA5620

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5600 STMICROELECTRONICS-STB5600 Datasheet
72Kb / 10P
GPS RF FRONT-END IC
Aug-1998
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
GPS RF FRONT-END IC
07-May-2002
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
GPS Receiver RF Front End
logo
Princeton Technology Co...
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
GPS Receiver RF Front End IC
logo
STMicroelectronics
STA5630 STMICROELECTRONICS-STA5630 Datasheet
85Kb / 7P
Low power GPS RF front-end
22-Jul-2009
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
GPS Receiver RF Front End IC
logo
Murata Manufacturing Co...
SF1186G MURATA-SF1186G Datasheet
868Kb / 6P
Designed for Front End GPS Applications
SF1186H MURATA-SF1186H Datasheet
371Kb / 5P
RF Filter Designed for Front End GPS Applications
SF1186H-2 MURATA-SF1186H-2 Datasheet
561Kb / 5P
RF Filter Designed for Front End GPS Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com