Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5620 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA5620
Description  Fully integrated RF front-end for GPS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5620 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA5620 Datasheet HTML 12Page - STMicroelectronics STA5620 Datasheet HTML 13Page - STMicroelectronics STA5620 Datasheet HTML 14Page - STMicroelectronics STA5620 Datasheet HTML 15Page - STMicroelectronics STA5620 Datasheet HTML 16Page - STMicroelectronics STA5620 Datasheet HTML 17Page - STMicroelectronics STA5620 Datasheet HTML 18Page - STMicroelectronics STA5620 Datasheet HTML 19Page - STMicroelectronics STA5620 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
SPI bus protocol
STA5620
16/29
6
SPI bus protocol
The SPI port is used for data exchange between STA5620 and a GPS base band. The SPI
port is controlled by four pins SPI_CLK, SPI_DI, SPI_DO and SPI_CS/. These pins are
inputs only, except for SPI_DO, the data output. The SPI Bus protocol is based on a 2-phase
transfer made of an address cycle and a data cycle.
The two functions in the bus interface layer are:
Figure 3.
SPI byte write
Figure 4.
SPI byte read
6.1
SPI_CS/
This package pin provides the frame and CS/ connection for the serial interface (SPI). This
pin will always be an input.
6.2
SPI_CLK
This package pin provides the clock connection for the serial interface (SPI). This pin will
always be an input.
6.3
SPI_DI
This package pin provides the data input connection for the serial interface (SPI). This pin
will always be an input.
6.4
SPI_DO
This package pin provides the data output connection for the serial interface (SPI). This pin
will always be an output.
CS/
SCLK
SDI
SDO
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
AC00327
CS/
SCLK
SDI
SDO
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
AC00326



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com