Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5620 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA5620
Description  Fully integrated RF front-end for GPS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5620 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA5620 Datasheet HTML 7Page - STMicroelectronics STA5620 Datasheet HTML 8Page - STMicroelectronics STA5620 Datasheet HTML 9Page - STMicroelectronics STA5620 Datasheet HTML 10Page - STMicroelectronics STA5620 Datasheet HTML 11Page - STMicroelectronics STA5620 Datasheet HTML 12Page - STMicroelectronics STA5620 Datasheet HTML 13Page - STMicroelectronics STA5620 Datasheet HTML 14Page - STMicroelectronics STA5620 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
STA5620
Functional description
11/29
3.9
Power control modes
Three different power control modes can be chosen by means of the CHIP_EN and the
RF_EN pins. If the CHIP_EN pin is forced low the device goes to stand-by mode with very
low power consumption. On the other hand, if CHIP_EN is set high, two scenarios are
possible:
1.
IIf RF_EN = 0 the crystal oscillator and only one output buffer are enabled,
XTAL_CLK if MODE = 1 or GPS_CLK if MODE = 0;
2.
If RF_EN = 1 the whole chip is active and functional.
Only if MODE = 0 the XTAL_CLK output is disabled.
A logic reset of the SPI registers is generated by the low to high transitions of the CHIP_EN
pin. External pin strapping dominates until some SPI commands reverse the priority and
overrides the strapping until next reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com