Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5620 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA5620
Description  Fully integrated RF front-end for GPS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5620 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA5620 Datasheet HTML 20Page - STMicroelectronics STA5620 Datasheet HTML 21Page - STMicroelectronics STA5620 Datasheet HTML 22Page - STMicroelectronics STA5620 Datasheet HTML 23Page - STMicroelectronics STA5620 Datasheet HTML 24Page - STMicroelectronics STA5620 Datasheet HTML 25Page - STMicroelectronics STA5620 Datasheet HTML 26Page - STMicroelectronics STA5620 Datasheet HTML 27Page - STMicroelectronics STA5620 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Chip enable and reset timing
STA5620
24/29
Note:
Disabling a digital output buffer means driving it low.
Divider configuration
NDIV[11:0]
PLL Feedback Divider
Division Ratio
(mapped as 2 byte registers)
56 to 4095
96
1555
RDIV[5:0]
Reference Divider Division
Ratio
(write of this register updates
all of the ndiv, rdiv vector)
1 to 63
1
19
Charge pump current selector
CPI[1:0]
Charge Pump Current
Selector
00 = 50
μA
01 = 100
μA
10 = 150
μA
11 = 200
μA
11
11
Output slew rate control
LSR
XTAL_CLK,
GPS_CLK,TEST_CLK,
SPI_DO, SIGN and MAG
Output Drivers Slew Rate
0 = Fast
1 = Slow
11
Table 15.
Default configuration (continued)
Bit Name
Description
Values
(MODE_EN=0)
(MODE_EN=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com