Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5620 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA5620
Description  Fully integrated RF front-end for GPS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5620 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA5620 Datasheet HTML 18Page - STMicroelectronics STA5620 Datasheet HTML 19Page - STMicroelectronics STA5620 Datasheet HTML 20Page - STMicroelectronics STA5620 Datasheet HTML 21Page - STMicroelectronics STA5620 Datasheet HTML 22Page - STMicroelectronics STA5620 Datasheet HTML 23Page - STMicroelectronics STA5620 Datasheet HTML 24Page - STMicroelectronics STA5620 Datasheet HTML 25Page - STMicroelectronics STA5620 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Chip enable and reset timing
STA5620
22/29
8.1.1
Operating modes
The below table shows how select a particular default operating mode:
HIGH = VCC_IO; LOW = GND
MODE
LOW
→ sets the STA5620 internal dividers to work with 16.368 MHz reference and
GPS_CLK = ON and XTAL_CLK = OFF;
HIGH
→ sets the STA5620 internal dividers to work with 19.2 MHz reference and
GPS_CLK = ON and XTAL_CLK = ON;
In both cases GPS_CLK pin provides 16.368MHz clock to Base Band and SIGN pin
provides the DATA to Base Band.
CHIP_EN
LOW
→ the device goes to stand-by mode with very low power consumption.
HIGH
→ sets ON the internal blocks of the IC according to the RF_EN status;
A logic reset of the SPI registers is generated by the low to high transitions of the CHIP_EN
pin while the RF_EN is LOW.
RF_EN
LOW
→ the crystal oscillator and only one output buffer are enabled,
XTAL_CLK if MODE = 1 or GPS_CLK if MODE = 0;
HIGH
→ the whole chip is active and functional;
TEST_EN1
→ must be set LOW;
TEST_EN2
→ 'must be set HIGH (VCC_IO);
Table 14.
Operating modes
Operating modes
STA5620 current
consumption
CHIP_EN
RF_EN
TEST_EN1
TEST_EN2
Fully operating
MODE = 0
15mA
HIGH
HIGH
LOW
HIGH
MODE = 1
16mA
RF Chain OFF
Crystal oscillator ON
1.5mA
HIGH
LOW
LOW
HIGH
Stand-by
All internal blocks OFF
1
μA
LOW
x
LOW
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com