Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5620 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA5620
Description  Fully integrated RF front-end for GPS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5620 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA5620 Datasheet HTML 9Page - STMicroelectronics STA5620 Datasheet HTML 10Page - STMicroelectronics STA5620 Datasheet HTML 11Page - STMicroelectronics STA5620 Datasheet HTML 12Page - STMicroelectronics STA5620 Datasheet HTML 13Page - STMicroelectronics STA5620 Datasheet HTML 14Page - STMicroelectronics STA5620 Datasheet HTML 15Page - STMicroelectronics STA5620 Datasheet HTML 16Page - STMicroelectronics STA5620 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
STA5620
Electrical specifications
13/29
ΔGC
VGA range
Set VAGC_CTRL < 0.3V
for maximum gain
55
dB
VAGC_CTRL AGC Control Voltage Range
0
Vcc
V
GSENS
VGA sensitivity
36
dB/V
NF_RF-IF
RF-IF-VGA noise figure
f = 4.092MHz
VGA at max gain
4.5
dB
P_1dB
RF-IF-VGA 1dB input
compression point
VGA at min gain
-57
dBm
IRR
Mixer image rejection ratio
f = 2 to 6 MHz
20
dB
IFF3dB
IF filter cut-off frequency
6
MHz
IFFATT
IF filter out of band attenuation
f = 12.276MHz
20
dB
VSWRIN
RFA Input voltage stat. wave ratio
ZS=50Ω
2:1
-
Crystal oscillator – Integer-N synthesizer – VCO
FXTAL
XTAL frequency
10
40
MHz
tSTART-UP
XTAL oscillator start-up time
10
msec
PXTAL_IN
Reference input signal sensitivity
XTAL_IN pin DC
blocked.
No crystal mounted.
XTAL_OUT load
<10pF.
-20
dBm
RDIV
Reference divider range
1
63
-
FLO
LO operating frequency
1571.328
MHz
NDIV
VCO divider range
56
4095
-
KV
(1)
VCO gain
f = 1571.328 MHz
300
MHz/V
PNVCO
(1)
VCO phase noise
100 kHz offset
-80
dBc/Hz
PNPLL
PLL phase noise
1 kHz offset
-65
dBc/Hz
ICP
(1)
Charge pump current
50
200
µ
A
ΔICP(1)
Charge pump current steps
50
µ
A
ADC – Output signals – GPS clock
fADC
ADC sampling frequency
16.368
MHz
τ MAG
MAG duty cycle
Internally regulated
33
%
τ SIGN
SIGN duty cycle
50
%
fCLOCK
Output clock frequency
16.368
MHz
τ CLOCK
Output clock duty cycle
50
%
Table 5.
Electrical characteristics (continued)
(VCC = 2.7V, TJ = 25°C unless otherwise noted)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com