Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5620 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA5620
Description  Fully integrated RF front-end for GPS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5620 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA5620 Datasheet HTML 8Page - STMicroelectronics STA5620 Datasheet HTML 9Page - STMicroelectronics STA5620 Datasheet HTML 10Page - STMicroelectronics STA5620 Datasheet HTML 11Page - STMicroelectronics STA5620 Datasheet HTML 12Page - STMicroelectronics STA5620 Datasheet HTML 13Page - STMicroelectronics STA5620 Datasheet HTML 14Page - STMicroelectronics STA5620 Datasheet HTML 15Page - STMicroelectronics STA5620 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Electrical specifications
STA5620
12/29
4
Electrical specifications
4.1
Absolute maximum ratings
4.2
Thermal data
4.3
Electrical characteristics
Table 3.
Absolute maximum ratings
Symbol
Parameter
Min
Max
Unit
VCC
All supply voltages
-0.3
3.6
V
TJ
Junction operating temperature
-40
125
°C
TS
Storage temperature
-65
150
°C
ESDHBM Electro static discharge – Human body model
-
2
kV
ESDMM Electro static discharge – Machine model
-
200
V
ESDCDM Electro static discharge - Charged device model
-750
V
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Tamb
Ambient operating temperature
-40 to 85
°C
Rth j-amb Thermal resistance junction to ambient
40
°C/W
Table 5.
Electrical characteristics
(VCC = 2.7V, TJ = 25°C unless otherwise noted)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Supply
VCC
Analog, Digital
2.56
2.7
3.3
V
Vcc_IO
I/O supply
1.7
3.3
V
ICC
Total power consumption
Internal blocks ON
15
19
mA
ICC_CLK
Clock only power consumption
Crystal oscillator ON
1.5
1.8
mA
ICC_STB
Stand-by power consumption
Internal blocks OFF
1
μA
RFA – MIXER – IF FILTER – VGA
fIN
RFA Input frequency
1575.42
MHz
fIF
IF frequency
4.092
MHz
GC
Conversion gain
VGA at max gain
105
dB
VGA at min gain
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com