Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5620 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA5620
Description  Fully integrated RF front-end for GPS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5620 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA5620 Datasheet HTML 16Page - STMicroelectronics STA5620 Datasheet HTML 17Page - STMicroelectronics STA5620 Datasheet HTML 18Page - STMicroelectronics STA5620 Datasheet HTML 19Page - STMicroelectronics STA5620 Datasheet HTML 20Page - STMicroelectronics STA5620 Datasheet HTML 21Page - STMicroelectronics STA5620 Datasheet HTML 22Page - STMicroelectronics STA5620 Datasheet HTML 23Page - STMicroelectronics STA5620 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Registers
STA5620
20/29
7.7
Radio trimming register
7.8
Receiver chain register (enable)
Table 12.
Radio trimming register
Register
address
Name
Bit
Default value
MODE = 0
Default value
MODE = 1
Description
0x52
CPI
XXXX XX yy [0:1]
11
11
CPI = 00
50µA charge pump current
CPI = 01
100µA charge pump current
CPI = 10
150µA charge pump current
CPI = 11
200µA charge pump current
LFC
XXXy yyXX [2:4]
110
110
Loop filter control
Table 13.
Receiver chain register (enable)
Register
address
Name
Bit
Default value
MODE = 0
Default value
MODE = 1
Description
0x60
RFE
XXXX XXX y [0]
0
0
RFE = 0
The RF chain is controlled by
RF_EN pin
RFE = 1
The RF chain is ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com