Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5620 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA5620
Description  Fully integrated RF front-end for GPS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5620 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA5620 Datasheet HTML 17Page - STMicroelectronics STA5620 Datasheet HTML 18Page - STMicroelectronics STA5620 Datasheet HTML 19Page - STMicroelectronics STA5620 Datasheet HTML 20Page - STMicroelectronics STA5620 Datasheet HTML 21Page - STMicroelectronics STA5620 Datasheet HTML 22Page - STMicroelectronics STA5620 Datasheet HTML 23Page - STMicroelectronics STA5620 Datasheet HTML 24Page - STMicroelectronics STA5620 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
STA5620
Chip enable and reset timing
21/29
8
Chip enable and reset timing
Figure 5.
Chip enable and reset timing
8.1
Principle of operation
With power supply applied and CHIP_EN inactive the chip is in stand-by mode consuming
just a minimal leakage current (<10µA). Applying CHIP_EN High turns-on the chip and
starts the Crystal oscillator. Two internal counters driven by the Oscillator output are used to
create two timing periods to:
●
The first time period (Clock Out Enable) is long enough to safely enable XTAL_CLK as
early as possible by default during oscillator startup.
●
The second period (Internal reset) generates an internal reset pulse long enough to
guarantee open-loop clock stabilization (driven either by internal oscillator or by off-chip
TCXO) and be able to load the chip default configuration.
The default initial configurations depend on the state of the MODE input pin. After this
phase, the chip configuration may be modified by the baseband unit with a set of SPI
commands, allowing a more specific configuration to be set
VDD Power
Xce (XTAL_CLK enable)
reset
CHIP_EN
MODE
MODE
Pin
setting
Power -on
Internal reset
(min. 4ms)
Clock
Out
Enable
(min 1µs)
Mode = 0
Mode = 1
Internal
Oscillator
<chip config>
Chip
Config
setting
AC00328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com