Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5620 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA5620
Description  Fully integrated RF front-end for GPS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5620 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA5620 Datasheet HTML 10Page - STMicroelectronics STA5620 Datasheet HTML 11Page - STMicroelectronics STA5620 Datasheet HTML 12Page - STMicroelectronics STA5620 Datasheet HTML 13Page - STMicroelectronics STA5620 Datasheet HTML 14Page - STMicroelectronics STA5620 Datasheet HTML 15Page - STMicroelectronics STA5620 Datasheet HTML 16Page - STMicroelectronics STA5620 Datasheet HTML 17Page - STMicroelectronics STA5620 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Electrical specifications
STA5620
14/29
Input and output buffers
VIH
CMOS input high level
0.8·VCC
V
VIL
CMOS input high level
0.2·VCC
V
CIN
CMOS input capacitance
1
pF
VOH
CMOS output high level
0.9·VCC
V
VOL
CMOS output low level
0.1·VCC
V
tRISE
(2)
CMOS output rise time
CL=10pF,
from 10% to 90%
Slew-rate = fast
3ns
CL=10pF,
from 10% to 90%
Slew-rate = slow
6
ns
tFALL
(2)
CMOS output fall time
CL=10pF,
from 10% to 90%
Slew-rate = fast
3
ns
CL=10pF,
from 10% to 90%
Slew-rate = slow
6
ns
1.
This value is guaranteed by design.
2.
Simulation data.
Table 5.
Electrical characteristics (continued)
(VCC = 2.7V, TJ = 25°C unless otherwise noted)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com