Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLT Datasheet(PDF) 68 Page - STMicroelectronics

Part # STW5098BBLT
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLT Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STW5098BBLT Datasheet HTML 64Page - STMicroelectronics STW5098BBLT Datasheet HTML 65Page - STMicroelectronics STW5098BBLT Datasheet HTML 66Page - STMicroelectronics STW5098BBLT Datasheet HTML 67Page - STMicroelectronics STW5098BBLT Datasheet HTML 68Page - STMicroelectronics STW5098BBLT Datasheet HTML 69Page - STMicroelectronics STW5098BBLT Datasheet HTML 70Page - STMicroelectronics STW5098BBLT Datasheet HTML 71Page - STMicroelectronics STW5098BBLT Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 85 page
background image
Analog input/output operative ranges
STw5098
68/85
Table 51.
Absolute levels at 1EARP-1EARN and 2LSP - 2LSN
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Output level
0dB gain
Full scale digital input
1.41
4
0
VRMS
Vpp
dBFS
Max EAR output power
32
Ω load
VCCLS > 4V
125
mW
Max LS output power(1)
8
Ω load
VCCLS > 4V
500
mW
1.
In some operating conditions the maximum output power can be limited. See “
Section 9.1: Absolute maximum ratings” and
“loudspeaker driver” description from
Section 4.10: Analog output drivers for details.
Note: When 2.4 V < VCCA < 2.7 V, the values are reduced by 2dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com