Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLT Datasheet(PDF) 19 Page - STMicroelectronics

Part # STW5098BBLT
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STW5098BBLT Datasheet HTML 15Page - STMicroelectronics STW5098BBLT Datasheet HTML 16Page - STMicroelectronics STW5098BBLT Datasheet HTML 17Page - STMicroelectronics STW5098BBLT Datasheet HTML 18Page - STMicroelectronics STW5098BBLT Datasheet HTML 19Page - STMicroelectronics STW5098BBLT Datasheet HTML 20Page - STMicroelectronics STW5098BBLT Datasheet HTML 21Page - STMicroelectronics STW5098BBLT Datasheet HTML 22Page - STMicroelectronics STW5098BBLT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
STw5098
Functional description
19/85
4.4
Power up
STw5098 internal blocks can individually be switched on and off according to the user
needs. A general power-up bit is present at bit 7 of CR0. The output drivers should always
be powered up after the general power up. See the following drawing to select the needed
block for the desired function. A fast-settling function is activated to quickly charge external
capacitors when the device is switched on (CAPLS, CAPLINEIN and CAPMIC).
Figure 3.
Power up block diagram: example shown for one entity
4.5
Master clock
Master clock is applied to both entities. The master clock pin (AMCK) accepts any frequency
from 4 MHz to 32 MHz. The 4-32 MHz range is divided in sub-ranges that have to be
programmed in bits CKRANGE in CR30. The jitter and spectral properties of this clock have
a direct impact on the DAC and ADC performance because it is used to directly or by integer
division drive the continuous-time to sampled-time interfaces.
POWERUP
ENANA
STw5098
ENMIXL
ENMIXL
ENHPVCM
ENHPL
ENLS
ENHPR
ENMICR
ENMICL
ENLINR
ENLINL
ENOSC
ENADCR
ENADCL
ENDACR
ENDACL
AUDIO I/F
ENLOL
ENLOR
ENHSD
ENPLL
DAMAST ENDAOCK
ADMAST ENADOCK
MBIAS
ENAMCK
ENDACKGEN
ENADCKGEN
ENOSC=1
ENOSC=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com