Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLT Datasheet(PDF) 69 Page - STMicroelectronics

Part # STW5098BBLT
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLT Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STW5098BBLT Datasheet HTML 65Page - STMicroelectronics STW5098BBLT Datasheet HTML 66Page - STMicroelectronics STW5098BBLT Datasheet HTML 67Page - STMicroelectronics STW5098BBLT Datasheet HTML 68Page - STMicroelectronics STW5098BBLT Datasheet HTML 69Page - STMicroelectronics STW5098BBLT Datasheet HTML 70Page - STMicroelectronics STW5098BBLT Datasheet HTML 71Page - STMicroelectronics STW5098BBLT Datasheet HTML 72Page - STMicroelectronics STW5098BBLT Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 85 page
background image
STw5098
Stereo audio ADC specifications
69/85
12
Stereo audio ADC specifications
Information included in this section applies to both entities. Typical measures at
VCCA=VCCP=VCCLS=2.7V; VCCIO=VCC=1.8 V; Tamb=25° C;13 MHz AMCK
Table 52.
Stereo audio ADC specifications
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ADN
Resolution
20
Bits
ADDRM
ADDRLI
Dynamic range
20Hz to 20kHz, A-weighted
Measured at -60dBFS
MIC input, 21dB gain
Line-In, 0dB gain
87
89
91
93
dB
dB
ADSNA
ADSN
Signal to noise ratio
Max level at MIC input, 21dB gain
A-weighted
Unweighted (20 Hz to 20 kHz)
90
86
dB
dB
Input referred ADC
noise
A-weighted
Mic input 0dB gain
Mic input 21dB gain
Mic input 39dB gain
Line in input 0dB gain
Line in input 18dB gain
37
3.3
1.9
30
7.5
µV
µV
µV
µV
µV
ADTHD
Total harmonic
distortion
Max level at MIC input, 21dB gain
0.001
0.003
%
Deviation from
linear phase
Measurement bandwidth 20Hz to
20kHz, Fs= 48kHz. Combined digital
and analog filter characteristics
1Deg
ADfPB
Passband
Combined digital and analog filter
characteristics AD96K=0
00.45Fs
kHz
Passband ripple
Combined digital and analog filter
characteristics AD96K=0
0.2
dB
ADfSB
Stopband
Combined digital and analog filter
characteristics AD96K=0
0.55Fs
kHz
Stopband
Attenuation
Measurement bandwidth up to
3.45Fs. Combined digital and analog
filter characteristics, AD96K=0
60
dB
ADtgd
Group delay
Audio filters, 96kHz FS
Audio filters, 48kHz FS
Audio filters, 8kHz FS
0.11
0.4
2.6
ms
ms
ms
Interchannel
isolation
90
dB
Interchannel gain
mismatch
0.2
dB
Gain error
0.5
dB
Note: When 2.4 V < VCCA < 2.7 V, the values are reduced by 2dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com