Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLT Datasheet(PDF) 72 Page - STMicroelectronics

Part # STW5098BBLT
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLT Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STW5098BBLT Datasheet HTML 68Page - STMicroelectronics STW5098BBLT Datasheet HTML 69Page - STMicroelectronics STW5098BBLT Datasheet HTML 70Page - STMicroelectronics STW5098BBLT Datasheet HTML 71Page - STMicroelectronics STW5098BBLT Datasheet HTML 72Page - STMicroelectronics STW5098BBLT Datasheet HTML 73Page - STMicroelectronics STW5098BBLT Datasheet HTML 74Page - STMicroelectronics STW5098BBLT Datasheet HTML 75Page - STMicroelectronics STW5098BBLT Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 85 page
background image
Stereo analog-only path specifications
STw5098
72/85
15
Stereo analog-only path specifications
Information included in this section applies to both entities.
Measured at differential line-out, ENOSC=1, No master clock.
Typical measures at VCCA=VCCP=VCCLS=2.7V; VCCIO=VCC=1.8V; Tamb=25° C
Table 55.
Stereo analog-only path specifications
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
AADRM
AADRLI
Dynamic range
20Hz to 20kHz, A-weighted.
Measured at -60dBFS
MIC input, 21dB gain
Line-In, 0dB gain
90
90
95
97
dB
dB
AASNA
AASN
Signal to noise ratio
Max level at line-in input, 0dB gain,
A-weighted
Unweighted (20 Hz to 20 kHz)
97
94
dB
dB
AATHD
Total harmonic
distortion
1kHz @ 0dBFS
MIC input, 21dB gain
Line-in input, 0dB gain
0.003
0.004
0.01
0.02
%
%
Note: When 2.4V<VCCA<2.7V, the values are reduced by 2dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com