Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLT Datasheet(PDF) 39 Page - STMicroelectronics

Part # STW5098BBLT
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLT Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STW5098BBLT Datasheet HTML 35Page - STMicroelectronics STW5098BBLT Datasheet HTML 36Page - STMicroelectronics STW5098BBLT Datasheet HTML 37Page - STMicroelectronics STW5098BBLT Datasheet HTML 38Page - STMicroelectronics STW5098BBLT Datasheet HTML 39Page - STMicroelectronics STW5098BBLT Datasheet HTML 40Page - STMicroelectronics STW5098BBLT Datasheet HTML 41Page - STMicroelectronics STW5098BBLT Datasheet HTML 42Page - STMicroelectronics STW5098BBLT Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
STw5098
Control registers
39/85
5.5
Analog functions
CR#
(hex)
Description
D7D6D5D4
D3
D2D1
D0
Def.
CR17
(11h)
Mixer switches &
Mic Bias
MBIAS
MBIASPD
ADMIC
ADLIN
MIXMIC
MIXLIN
MIXDAC
MICLO
0000
0000
CR18
(12h)
Input switches
X
IN2VCM
LINMUTE
LINSEL(1:0)
MICMUTE
MICSEL(1:0)
0010
0100
CR19
(13h)
Drivers control
VCML(1:0)
X
MUTELO
MUTEHP
LSLIM
LSSEL(1:0)
0101
1000
Table 15.
CR17 description
Bits
Name
Value
CR17 description
Def.
7
MBIAS
1
0
Microphone Bias enabled (2.1V typ at MBIAS pin)
Microphone Bias disabled
0
6
MBIASPD
1
0
MBIAS pin is pulled down when microphone bias is disabled
MBIAS pin is in high impedance state when microphone Bias is
disabled
0
5ADMIC
1
0
Microphone preamplifiers are connected to AD path
Microphone preamplifiers are not connected to AD path
0
4ADLIN
1
0
Line in preamplifiers are connected to AD path
Line in preamplifiers are not connected to AD path
0
3MIXMIC
1
0
Microphone preamplifiers are connected to mixers
Microphone preamplifiers are not connected to mixers
0
2MIXLIN
1
0
Line in preamplifiers are connected to mixers
Line in preamplifiers are not connected to mixers
0
1MIXDAC
1
0
Stereo DAC path is connected to mixers
Stereo DAC path is not connected to mixers
0
0MICLO
1
0
Microphone preamplifiers are connected to line out drivers
Mixers are connected to line out drivers
0
Table 16.
CR18 description
Bits
Name
Value
CR18 description
Def.
6IN2VCM
1
0
Unused analog input pins are biased to common mode voltage
Unused analog input pins are in high impedance state
0
5LINMUTE
1
0
Line in preamplifiers are muted
Line in preamplifiers are not muted
1
4-3
LINSEL(1:0)
00
01
10
11
Input pins connected to line in preamplifiers (if LINMUTE=0)
LINEIN
(LINEINL, LINEINR)
AUX1
(AUX1L, AUX1R)
AUX2
(AUX2LP-AUX2LN, AUX2RP-AUX2RN)
AUX3
(AUX3L, AUX3R)
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com