Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLT Datasheet(PDF) 29 Page - STMicroelectronics

Part # STW5098BBLT
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLT Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STW5098BBLT Datasheet HTML 25Page - STMicroelectronics STW5098BBLT Datasheet HTML 26Page - STMicroelectronics STW5098BBLT Datasheet HTML 27Page - STMicroelectronics STW5098BBLT Datasheet HTML 28Page - STMicroelectronics STW5098BBLT Datasheet HTML 29Page - STMicroelectronics STW5098BBLT Datasheet HTML 30Page - STMicroelectronics STW5098BBLT Datasheet HTML 31Page - STMicroelectronics STW5098BBLT Datasheet HTML 32Page - STMicroelectronics STW5098BBLT Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 85 page
background image
STw5098
Control registers
29/85
CR18
(12h)
Input switches
X
IN2VCM
LINMUTE
LINSEL(1:0)
MICMUTE
MICSEL(1:0)
0010
0100
CR19
(13h)
Drivers control
VCML(1:0)
X
MUTELO
MUTEHP
1EARLIM
2LSLIM
1EARSEL(1:0)
2LSSEL(1:0)
0101
1000
CR20
(14h)
DAOCK
frequency LSB
DAOCKF(7:0)
0000
0000
CR21
(15h)
DAOCK
frequency MSB
DAOCKF(15:8)
0000
0000
CR22
(16h)
DA clock
generator control
XX
DAMAST
DA
MASTGEN
END
AOCK
DAO
CK512
DAPCMF(1:0)
0000
0000
CR23
(17h)
ADOCK
frequency LSB
ADOCKF(7:0)
0000
0000
CR24
(18h)
ADOCK
frequency MSB
ADOCKF(15:8)
0000
0000
CR25
(19h)
AD Clock
generator control
XX
ADMAST
AD
MASTGEN
ENA
DOCK
ADO
CK512
ADPCMF(1:0)
0000
0000
CR26
(1Ah)
DAC data IF
control
X
DAFORM(2:0)
DASPIM
DAWL(2:0)
0000
0000
CR27
(1Bh)
ADC data IF
control
ADRTOL
ADFORM2:0)
ADSPIM
ADWL(2:0)
0000
0000
CR28
(1Ch)
DAC&ADC data
IF control
AMC
KINV
DACKP
DASYNCP
DAMONO
ADCKP
AD
SYNCP
ADMONO
ADHIZ
0000
0000
CR29
(1Dh)
Digital filters
control
X
DAVOICE
DA96K
RXNH
ADVOICE
AD96K
ADNH
TXNH
0000
0000
CR30
(1Eh)
Soft reset &
AMCK range
SWRES
X
X
X
AMCKSIN
CKRANGE(2:0)
0000
0000
CR31
(1Fh)
Interrupt mask
VLSHEN
PUSH
BEN
HSDETEN
VLSHMSK
PUSH
BMSK
HSDET
MSK
OVFMSK
PORMSK
0000
0000
CR32
(20h)
Interrupt status
VLSH
PUSHB
HSDET
VLSHEV
PUSHBEV
HSDETEV
OVFEV
POREV
0000
0000
CR33
(21h)
Misc. control
X
X
SPIOHIZ
SPIOSEL(1:0)
IRQCMOS
OVFDA
OVFAD
0000
0000
CR34
(22h)
AGC
attack/decay
coeff.
AGCATT(3:0)
AGCDEC(3:0)
0000
0000
CR35
(23h)
AGC control
X
ENA
GCLIN
ENAG
CMIC
AGC
RANGE
AGCLEV(3:0)
0000
0000
CR36
(24h)
RESERVED
X
X
X
X
XXX
X
0000
0000
Note: X reserved, write zero
Table 2.
Control register summary
CR#
(hex)
Description
D7
D6
D5
D4
D3
D2D1D0
Def.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com