Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLT Datasheet(PDF) 18 Page - STMicroelectronics

Part # STW5098BBLT
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STW5098BBLT Datasheet HTML 14Page - STMicroelectronics STW5098BBLT Datasheet HTML 15Page - STMicroelectronics STW5098BBLT Datasheet HTML 16Page - STMicroelectronics STW5098BBLT Datasheet HTML 17Page - STMicroelectronics STW5098BBLT Datasheet HTML 18Page - STMicroelectronics STW5098BBLT Datasheet HTML 19Page - STMicroelectronics STW5098BBLT Datasheet HTML 20Page - STMicroelectronics STW5098BBLT Datasheet HTML 21Page - STMicroelectronics STW5098BBLT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 85 page
background image
Functional description
STw5098
18/85
4.3
Device programming
STw5098 can be programmed by writing Control Registers with SPI or I2C compatible
control interface (both slave). The interface is always active, there is no need to have the
master clock running to program the device registers. The control interfaces of each entity
can be operated independently either in SPI or I2C modes.
The choice between the two interfaces for each entity is done via their input pins 1CMOD
and 2CMOD (CMOD):
1.
CMOD connected to GND: I2C compatible mode selected
The device address is selected with AS pin:
When this mode is selected control registers are accessed through pins:
SCLK (clock)
SDA (serial data out/in, open drain)
2.
CMOD connected to VCCIO: SPI compatible mode selected
When this mode is selected control registers are accessed through:
AS/CSB (chip select, active low)
SCLK (clock)
SDIN (serial data in)
AD_OCK or DA_OCK or IRQ (serial data out, if selected)
Device Programming: I2C. The I2C Control Interface timing is shown in
Section 6.1 on
page 50. The interface has an internal counter that keeps the current address of the control
register to be read or written. At each write access of the interface the address counter is
loaded with the data of the
register address field. The value in the address counter is
increased after each data byte read or write. It is possible to access the interface in 2
modes: single-byte mode in which the address and data of a single register are specified,
and multi-byte mode in which the address of the first register to be written or read is
specified and all the following bytes exchanged are the data of successive registers starting
from the one specified (in multi-byte mode the internal address counter restart from register
0 after the last register 36). Using the multi-byte mode it is possible to write or read all the
registers with a single access to the device on the I2C bus. This applies to both entities of
the device.
Device Programming: SPI. The SPI Control Interface timing is shown in section
Section 6.2 on page 51. Bits SPIOSEL (SPI Output Select) in CR33 control the out pin
selection for serial data out (none, AD_OCK, DA_OCK or IRQ), while bit SPIOHIZ=1 in
CR33 selects the high impedance state of serial data out pin when idle. The first bit sent on
SDIN, after AS/CSB falling edge, sets the interface for writing (SDIN=1) or reading
(SDIN=0), then a 7-bit Control Register address follows.
If the interface is set for writing then the last 8 bits on SDIN are written in the control register.
If the interface is set for reading then after the 7 bit address STw5098 sends out 8 bits data
on the pin selected with bits SPIOSEL in CR33, while bits present at SDIN pin are ignored.
If SPIOSEL=00 (no out pin selected) the reading access on SPI interface can still be useful
to clear the IRQ event bits in CR32.
AS/CSB connected to GND:
chip address 00110101(35hex) for reading, 00110100 (34hex) for writing
AS/CSB connected to VCCIO:
chip address 00110111(37hex) for reading, 00110110 (36hex) for writing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com