Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLT Datasheet(PDF) 84 Page - STMicroelectronics

Part # STW5098BBLT
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLT Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STW5098BBLT Datasheet HTML 77Page - STMicroelectronics STW5098BBLT Datasheet HTML 78Page - STMicroelectronics STW5098BBLT Datasheet HTML 79Page - STMicroelectronics STW5098BBLT Datasheet HTML 80Page - STMicroelectronics STW5098BBLT Datasheet HTML 81Page - STMicroelectronics STW5098BBLT Datasheet HTML 82Page - STMicroelectronics STW5098BBLT Datasheet HTML 83Page - STMicroelectronics STW5098BBLT Datasheet HTML 84Page - STMicroelectronics STW5098BBLT Datasheet HTML 85Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 84 / 85 page
background image
Ordering information
STw5098
84/85
20
Ordering information
21
Revision history
Table 59.
Order codes
Part Number
Package
Packing
STw5098
LFBGA 6x6x1.4, 0.5 mm pitch, 112 pins
Tray
STw5098T
LFBGA 6x6x1.4, 0.5 mm pitch, 112 pins
Tape and reel
STw5098BBLR/LF
VFBGA 5x5x1.0, 0.4 mm pitch, 112 pins
Tray
STw5098BBLT/LF
VFBGA 5x5x1.0, 0.4 mm pitch, 112 pins
Tape and reel
Table 60.
Document revision history
Date
Revision
Changes
24-Apr-2007
1
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com