Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLT Datasheet(PDF) 49 Page - STMicroelectronics

Part # STW5098BBLT
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLT Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STW5098BBLT Datasheet HTML 45Page - STMicroelectronics STW5098BBLT Datasheet HTML 46Page - STMicroelectronics STW5098BBLT Datasheet HTML 47Page - STMicroelectronics STW5098BBLT Datasheet HTML 48Page - STMicroelectronics STW5098BBLT Datasheet HTML 49Page - STMicroelectronics STW5098BBLT Datasheet HTML 50Page - STMicroelectronics STW5098BBLT Datasheet HTML 51Page - STMicroelectronics STW5098BBLT Datasheet HTML 52Page - STMicroelectronics STW5098BBLT Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
STw5098
Control registers
49/85
Table 29.
CR 35 description
Bits
Name
Value
CR35 description
Def.
6ENAGCLIN
1
0
AGC control on AD path acts on Line In Gain
AGC control on AD path does not act on Line In Gain
0
5ENAGCMIC
1
0
AGC control on AD path acts on Mic Gain
AGC control on AD path does not act on Mic Gain
0
4
AGCRANGE
1
0
AGC action range is -21.0 dB to +21.0 dB
AGC action range is -10.5 dB to +10.5 dB
0
3-0
AGCLEV(3:0)
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
AGC requested output level
-30.0 dB gain
-30.0 dB gain
-27.0 dB gain
-24.0 dB gain
-21.0 dB gain
-18.0 dB gain
-15.0 dB gain
-12.0 dB gain
-9.0 dB gain
-6.0 dB gain
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com