Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLT Datasheet(PDF) 45 Page - STMicroelectronics

Part # STW5098BBLT
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLT Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STW5098BBLT Datasheet HTML 41Page - STMicroelectronics STW5098BBLT Datasheet HTML 42Page - STMicroelectronics STW5098BBLT Datasheet HTML 43Page - STMicroelectronics STW5098BBLT Datasheet HTML 44Page - STMicroelectronics STW5098BBLT Datasheet HTML 45Page - STMicroelectronics STW5098BBLT Datasheet HTML 46Page - STMicroelectronics STW5098BBLT Datasheet HTML 47Page - STMicroelectronics STW5098BBLT Datasheet HTML 48Page - STMicroelectronics STW5098BBLT Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 85 page
background image
STw5098
Control registers
45/85
5.8
Digital filters, software reset and master clock control
CR#
(hex)
Description
D7D6D5D4
D3
D2D1
D0
Def.
CR29
(1Dh)
Digital filters
control
X
DAVOICE
DA96K
RXNH
ADVOICE
AD96K
ADNH
TXNH
0000
0000
CR30
(1Eh)
Soft reset &
AMCK range
SWRES
X
X
X
AMCKSIN
CKRANGE(2:0)
0000
0000
Table 23.
CR29 description
Bits
Name
Value
CR29 description
Def.
6DAVOICE
1
0
DA path voice RX filter is enabled (single channel, left used)
DA path voice filters are enabled
0
5DA96K
1
0
DA path data rate is in the range 88 kHz to 96 kHz
DA path data rate is in the range 8 kHz to 48 kHz
0
4RXNH
1
0
DA path high pass voice RX filter is disabled
DA path high pass voice RX filter is enabled (300Hz @ 8kHz rate)
0
3ADVOICE
1
0
AD path voice TX filter is enabled (single channel, left used)
AD path audio filters are enabled
0
2AD96K
1
0
AD path data rate is in the range 88 kHz to 96 kHz
AD path data rate is in the range 8 kHz to 48 kHz
0
1
ADNH
1
0
AD path audio DC filter is disabled
AD path audio DC filter is enabled
0
0TXNH
1
0
AD path high pass voice TX filter is disabled
AD path high pass voice TX filter is enabled (300Hz @ 8kHz rate)
0
Table 24.
CR30 description
Bits
Name
Value
CR30 description
Def.
7SWRES
1
0
Software reset: All registers content is reset to the default value
Control Register content is left unchanged
0
3
AMCKSIN
1
0
Signal at AMCK pin is a sinusoid
Signal at AMCK pin is a square wave
0
2-0
CKRANGE(2:0)
000
001
010
011
100
101
AMCK range
MCKCOEFF
4.0 MHz to 6.0 MHz
8.0
6.0 MHz to 8.0 MHz
6.0
8.0 MHz to 12.0 MHz
4.0
12.0 MHz to 16.0 MHz
3.0
16.0 MHz to 24.0 MHz
2.0
24.0 MHz to 32.0 MHz
1.5
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com