Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLT Datasheet(PDF) 51 Page - STMicroelectronics

Part # STW5098BBLT
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLT Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STW5098BBLT Datasheet HTML 47Page - STMicroelectronics STW5098BBLT Datasheet HTML 48Page - STMicroelectronics STW5098BBLT Datasheet HTML 49Page - STMicroelectronics STW5098BBLT Datasheet HTML 50Page - STMicroelectronics STW5098BBLT Datasheet HTML 51Page - STMicroelectronics STW5098BBLT Datasheet HTML 52Page - STMicroelectronics STW5098BBLT Datasheet HTML 53Page - STMicroelectronics STW5098BBLT Datasheet HTML 54Page - STMicroelectronics STW5098BBLT Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 85 page
background image
STw5098
Control interface and master clock
51/85
6.2
Control interface SPI mode
Figure 7.
Control interface SPI format(a)
Table 30.
Control interface timing with I²C format
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
fSCL
Clock frequency
400
kHz
tHIGH
Clock pulse width high
600
ns
tLOW
Clock pulse width low
1300
ns
tR
SDA and SCLK rise time
1000
ns
tF
SDA and SCLK fall time
300
ns
tHD:STA
Start condition hold time
600
ns
tSU:STA
Start condition setup time
600
ns
tHD:DAT
Data input hold time
0
ns
tSU:DAT
Data input setup time
250
ns
tSU:STO
Stop condition setup time
600
ns
tBUF
Bus free time
1300
ns
a.
CMOD pin tied to VCCIO; SDO pin position selected with bits SPIOSEL in CR33.
A6
A5
8 bit Address
A4
A3
A2
A1
A0
W/R
D7
D6
D5
D4
D3
D2
D1
D0
8 bit Data
SDIN
D7
D6
D5
D4
D3
D2
D1
D0
8 bit Data
SDO
SCLK
CSB
SPIOHIZ=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com