Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLT Datasheet(PDF) 13 Page - STMicroelectronics

Part # STW5098BBLT
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STW5098BBLT Datasheet HTML 9Page - STMicroelectronics STW5098BBLT Datasheet HTML 10Page - STMicroelectronics STW5098BBLT Datasheet HTML 11Page - STMicroelectronics STW5098BBLT Datasheet HTML 12Page - STMicroelectronics STW5098BBLT Datasheet HTML 13Page - STMicroelectronics STW5098BBLT Datasheet HTML 14Page - STMicroelectronics STW5098BBLT Datasheet HTML 15Page - STMicroelectronics STW5098BBLT Datasheet HTML 16Page - STMicroelectronics STW5098BBLT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
STw5098
Pinout
13/85
J2
AO
1OLP
Audio differential line out amplifier for left and right channels. This
outputs can drive up to 1k
Ω resistive load. Can be used as single
ended output.
J3
AO
2OLP
Audio differential line out amplifier for left and right channels. This
outputs can drive up to 1k
Ω resistive load. Can be used as single
ended output.
J4
AO
2HPL
Audio single ended headphones amplifier outputs for left and right
channels. The outputs can drive 50nF (with series resistor) or
directly an earpiece transductor of 16
Ω.
J5
AO
1VCMHP
Common mode voltage headphones output. The negative pins of
headphones left and right speakers can be connected to this pin to
avoid decoupling capacitors.
J6
AI
1CAPEAR
A capacitor can be connected between this node and ground
J7
AO
1EARN
Analog differential loudspeaker amplifier output for Left channel or
Right channel or the sum of both. This output can drive 50nF (with
series resistor) or directly an earpiece transductor from 8
Ω to 32Ω.;
It can deliver from 500mW to 125mW.
J8
P
VCCLS
Power supply pin for the mono differential output driver. Operating
range: from VCCA to 5.5V
J9
AO
2ORP
Audio differential line out amplifier for left and right channels. This
outputs can drive up to 1k
Ω resistive load. Can be used as single
ended output.
J10
AO
1ORN
Audio differential line out amplifier for left and right channels. This
outputs can drive up to 1k
Ω resistive load. Can be used as single
ended output.
J11
AI
1LINEINR
Left and right channel single ended pins for line input
K1
P
GNDCM
Ground pin for analog reference.
GNDCM can be connected to GNDA
K2
P
VCCP
Power supply pins for the left and right output drivers (headphones
and line-out).
Operating range: from VCCA to 3.3V
K3
AO
1HPL
Audio single ended headphones amplifier outputs for left and right
channels. The outputs can drive 50nF (with series resistor) or
directly an earpiece transductor of 16
Ω.
K4
AO
2VCMHPS
VCMHPS (sense) pin must be connected on the application board to
VCMHP pin. The connection must be as close as possible to the
pins.
K5
P
VCCLS
Power supply pin for the mono differential output driver. Operating
range: from VCCA to 5.5V
K6
P
GNDP
Ground pin for the left, right and mono-differential output drivers.
GNDP and GNDA must be connected together.
K7
P
GNDP
Ground pin for the left, right and mono-differential output drivers.
GNDP and GNDA must be connected together.
Table 1.
STw5098 pin description
Position
Type
Pin name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com