Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE89C21 Datasheet(PDF) 5 Page - King blillion Electronics Co.,Ltd.

Part # HE89C21
Description  8-BIT MICRO-CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE89C21 Datasheet(HTML) 5 Page - King blillion Electronics Co.,Ltd.

  HE89C21 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
King Billion Electronics Co., Ltd.
駿
億
電
子
股
份
有
限
公
司
HE89C21
HE80000 SERIES
January 20, 2003
5
V1.0E
Pad No.
Pad Name
X Coord.
Y Coord.
Pad No.
Pad Name
X Coord.
Y Coord.
11
SEG[27]
-977.5
-160.5
45
LV1
977.5
184.5
12
SEG[26]
-977.5
-275.5
46
LV2
977.5
299.5
13
SEG[25]
-977.5
-390.5
47
LV3
977.5
414.5
14
SEG[24]
-977.5
-505.5
48
GND
977.7
529.5
15
SEG[23]
-977.5
-620.5
49
RSTP_N
977.5
644.5
16
SEG[22]
-977.5
-735.5
50
FXO
977.5
759.5
17
SEG[21]
-977.5
-850.5
51
FXI
977.5
874.5
18
SEG[20]
-977.5
-989.5
52
TSTP_P
977.5
989.5
19
SEG[19]
-862.5
-989.5
53
SXO
805
989.5
20
SEG[18]
-747.5
-989.5
54
SXI
690
989.5
21
SEG[17]
-632.5
-989.5
55
VDD
575
989.5
22
SEG[16]
-517.5
-989.5
56
MUTE
460
989.5
23
SEG[15]
-402.5
-989.5
57
DTMFO
345
989.5
24
SEG[14]
-287.5
-989.5
58
PRTD[7]
230
989.5
25
SEG[13]
-172.5
-989.5
59
PRTD[6]
115
989.5
26
SEG[12]
-57.5
-989.5
60
PRTD[5]
0
989.5
27
SEG[11]
57.5
-989.5
61
PRTD[4]
-115
989.5
28
SEG[10]
172.5
-989.5
62
PRTD[3]
-230
989.5
29
SEG[9]
287.5
-989.5
63
PRTD[2]
-345
989.5
30
SEG[8]
402.5
-989.5
64
PRTD[1]
-460
989.5
31
SEG[7]
517.5
-989.5
65
PRTD[0]
-575
989.5
32
SEG[6]
632.5
-989.5
66
PRTC[7]
-690
989.5
33
SEG[5]
747.5
-989.5
67
PRTC[6]
-805
989.5
34
SEG[4]
862.5
-989.5
6. LCD Power Supply
The LCD power supply is equipped with input power regulator, voltage Tripler, and bias voltage
generating resistor network. The input power of MCU is regulated and multiplied by 3 times to generate
LV3 to generate the stable driving voltages for LCD driver. The bias voltages for LCD driver are then
generated from LV3 using the internally resistor voltage dividing network. With the regulated LCD power,
the LCD display can give steady visual effect over a wide range of operating voltage. The built-in
regulator must be enabled by mask option MO_ LVRG to function.
LV3
LV2
LV1
LC2
LC1
104
0.1uF
0.1uF
0.1uF
MO_LVRG Function
0
Disable LCD regulator
1
Enable LCD regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com