Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE89C21 Datasheet(PDF) 6 Page - King blillion Electronics Co.,Ltd.

Part # HE89C21
Description  8-BIT MICRO-CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE89C21 Datasheet(HTML) 6 Page - King blillion Electronics Co.,Ltd.

Back Button HE89C21 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
King Billion Electronics Co., Ltd.
駿
億
電
子
股
份
有
限
公
司
HE89C21
HE80000 SERIES
January 20, 2003
6
V1.0E
6.1. LCDC Control register
LCD Control Register LCDC controls the functions of LCD driver; such as contrast level, LCD
waveform type, On/Off, Blank or not, etc.
LCDC
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Field
-
-
-
-
-
TYPE BLANK LCDE
Field
Value Function
TYPE
0
Select Type A LCD waveform
1
Select Type B LCD waveform
BLANK
0
Normal display
1
LCD display blanked. LCD driver changes only COM output signal, SEG
signal remains unchanged.
LCDE
0
LCD driver disabled, LCD driver has no output signal.
1
LCD driver Enabled
Please note that LCD driver must be turned off before the entering sleep mode. That means user must
clear the bit 0 of LCDC to turn off LCD driving circuit before setting bit6 of OP1 to enter sleep mode.
Large current might happen if the procedure is not followed.
Please also note that LCD driver uses slow clock as clock source. The LCD display will not display
normally if it works in Fast clock only mode because the LCD refresh action is too fast.
7. LCD RAM Map
PP=0 COM3 COM2 COM1 COM0 COM3 COM2 COM1 COM0
bit7(C3) bit6(C2) bit5(C1) bit4(C0) bit3(C3) bit2(C2) bit1(C1) bit0(C0)
F0h
S1
S0
F1h
S3
S2
F2h
S5
S4
F3h
S7
S6
F4h
S9
S8
F5h
S11
S10
F6h
S13
S12
F7h
S15
S14
F8h
S17
S16
F9h
S19
S18
FAh
S21
S20
FBh
S23
S22
FCh
S25
S24
FDh
S27
S26
FEh
S29
S28
FFh
S31
S30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com