Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE89C21 Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # HE89C21
Description  8-BIT MICRO-CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE89C21 Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  HE89C21 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
King Billion Electronics Co., Ltd.
駿
億
電
子
股
份
有
限
公
司
HE89C21
HE80000 SERIES
January 20, 2003
2
V1.0E
addressing mode are provided. Most of instructions take only 3 oscillator clocks to execute.
2. Features
Operation Voltage:
2.4V ~ 5.5V
Internal ROM:
16 KB Program ROM
Internal RAM:
512 Bytes.
Dual Clock System:
Fast clock:
32768 ~ 8M Hz
Slow clock:
32768 Hz
Operation Mode:
Fast, Slow, Idle, Sleep Mode.
16 bit Bi-directional general purpose I/O port with output type (push-pull or open drain)
selectable for each I/O pin by mask option.
4 COM x 32 SEG LCD driver (A, B type waveform selectable).
Built-in Regulator for providing LCD with a stable operation voltage over the battery life.
Built-in DTMF Generator.
Built-in Low Voltage Reset function
Two external interrupts and three internal timer interrupts.
Two 16-bit timers and one Time Base timer.
Watch Dog Timer to prevent deadlock condition.
Instruction set: 32 instructions with 4 addressing modes.
3. Pin Description
HE89C21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
PRTC5
PRTC4
PRTC3
PRTC2
PRTC1
PRTC0
SEG31
SEG30
SEG29
SEG28
SEG27
SEG26
SEG25
SEG24
SEG23
SEG22
SEG21
SEG2
SEG1
SEG0
COM3
COM2
COM1
COM0
LC1
LC2
LV1
LV2
LV3
GND
RSTP
FXO
FXI
TSTP
Pin Name
Pin #
I/O
Description
PRTC[7..0]
66,67,1~6 B
8-bit bi-directional general purpose I/O port C. The output type of I/O pad can also be
selected by mask option MO_CPP[7..0] (‘1’ for push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the
I/O as input, ‘1’ must be outputted before reading the pin.
SEG[31..0]
7 ~ 38
O LCD SEGMENT SEG[31..0] outputs.
COM[3..0]
39 ~ 42
O LCD COMMON COM[3..0[ outputs.
LC1
43
B Charge Pump Capacitor Pin
LC2
44
B Charge Pump Capacitor Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com