Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE89C21 Datasheet(PDF) 13 Page - King blillion Electronics Co.,Ltd.

Part # HE89C21
Description  8-BIT MICRO-CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE89C21 Datasheet(HTML) 13 Page - King blillion Electronics Co.,Ltd.

Back Button HE89C21 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
King Billion Electronics Co., Ltd.
駿
億
電
子
股
份
有
限
公
司
HE89C21
HE80000 SERIES
January 20, 2003
13
V1.0E
WDT is the enabling signal generated by calculating 32768-clock overflow. Reset Register content is
same as TC1 (Timer1 clock), which uses the same clock count source. WDT function can be generated
in Normal, Slow and Idle Mode. However, WDT will not function during Sleep Mode (as the TC1
clock has stopped.)
13. Low Voltage Reset
Low voltage reset circuit prevents the CPU from operating below its physical limit. When the supply
voltage drops below VDET, the CPU will be held in reset state until the supply voltage rises to VRLS. Then
CPU will be released from reset state. VRLS will be higher than VDET by 5% to provide hysteresis and
prevent CPU from bouncing back and forth between reset and operating state.
MO_LVR_LVL Detection voltage
Release voltage
00
1.9 volts
1.995 volts
01
2.0 volts
2.1 volts
10
2.1 volts
2.205 volts
The low voltage reset circuit can be disabled/enable by mask option MO_LVR_N.
MO_LVR_N LVR function
0
Enable
1
Disable
The voltage detection circuit is temperature compensated to prevent the detection voltage from drifting
with temperature variation.
Vdet
Vrst
VDD
Vrls
14. Dual-Tone Multiple Frequency Generator
The Dual-Tone Multiple Frequency (DTMF) generator is used to generate the Tone Dialing signal used in
Telecommunication applications. In fact, it can be used to generate any two channel sine wave signal with
frequency ranging from 1 ~ 2047 Hz with 1 Hz resolution. The DTMF generator derives its clock from
32768 Hz oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com