Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE89C21 Datasheet(PDF) 14 Page - King blillion Electronics Co.,Ltd.

Part # HE89C21
Description  8-BIT MICRO-CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE89C21 Datasheet(HTML) 14 Page - King blillion Electronics Co.,Ltd.

Back Button HE89C21 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
King Billion Electronics Co., Ltd.
駿
億
電
子
股
份
有
限
公
司
HE89C21
HE80000 SERIES
January 20, 2003
14
V1.0E
The DTMF generator is controlled through DTMFC (DTMF Control) Register. It is write only, and can
not be to read. The DTMFC register actually maps to Row Register, Column Register and Command
Register. So when writing to DTMFC, the actual register being written is determined by Bit 7 and 6.
DTMFC
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
ROW HIGH
0
0
X
M10
M9
M8
M7
M6
ROW LOW
0
0
M5
M4
M3
M2
M1
M0
COL HIGH
0
1
X
M10
M9
M8
M7
M6
COL LOW
0
1
M5
M4
M3
M2
M1
M0
COMMAND
1
1
HOOK
-
MUTE
-
DTMF HB(1)/LB(
0)
Bit 5 of command register (HOOK bit) is the main switch of DTMF Generator block. When HOOK Bit
is ‘1’, the entire block will be turned off and all internal registers will be reset. When HOOK Bit is ‘0’,
the block will be turned on.
The Row and Column registers determine the frequencies of two channels sine wave generator. As they
are 11-bit register, they need to be divided into high parts and low part when writing. The procedure of
changing the Row and Column frequency is by selecting High or Low byte to be written in the command
register, write to the target register, then toggle the HB/LB bit, and then write to the second part of the
register. When both frequencies are set, the DTMF tone can be sent to DTMFO output by turning on bit 1
(DTMF bit) of command register. When DTMF bit is ‘1’, DTMF signal can be output, and the output is
disabled when DTMF bit is ‘0’.
In addition to DTMF generation function, this function block also provides others features which are
useful for the phone application. For example, MUTE bit (bit 3) of command register directly controls
the state of output pin MUTE. When MUTE bit is ‘1’, the state is MUTE pin is set to high impedance ‘Z’,
while MUTE bit is ‘0’, the state of MUTE pin is ‘0’. This pin is useful for muting the microphone of
telephone speech network to prevent speech signal from interfering the DTMF dialing signal when it is
been generated.
15. Absolute Maximum Rating
Item
Sym.
Rating
Condition
Supply Voltage
Vdd
-0.5V ~ 8V
Input Voltage
Vin
-0.5V ~ Vdd+0.5V
Output Voltage
Vo
-0.5V ~ Vdd+0.5V
Operating Temperature
Top
00C ~ 700C
Storage Temperature
Tst
-500C ~ 1000C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com