Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE89C21 Datasheet(PDF) 16 Page - King blillion Electronics Co.,Ltd.

Part # HE89C21
Description  8-BIT MICRO-CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE89C21 Datasheet(HTML) 16 Page - King blillion Electronics Co.,Ltd.

Back Button HE89C21 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
King Billion Electronics Co., Ltd.
駿
億
電
子
股
份
有
限
公
司
HE89C21
HE80000 SERIES
January 20, 2003
16
V1.0E
18. Application Circuit
VDD
VDD
PRTC5
PRTC4
FXI
PRTC3
FXO
PRTC2
RESET
PRTC1
PRTC0
LV3
SEG31
LV2
SEG30
LV1
SEG29
LC2
SEG28
LC1
SEG27
COM0
SEG26
COM1
SEG25
COM2
SEG24
COM3
SEG23
SEG0
SEG22
SEG1
SEG21
SEG2
0
51K
+
47uF
104
0.1uF
0.1uF
0.1uF
3.0V
0.1uF
0.47uF
22p
22p
3579545Hz
C11
33p
C12
33p
Y3
32768Hz
HE89C21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
PRTC5
PRTC4
PRTC3
PRTC2
PRTC1
PRTC0
SEG31
SEG30
SEG29
SEG28
SEG27
SEG26
SEG25
SEG24
SEG23
SEG22
SEG21
SEG2
SEG1
SEG0
COM3
COM2
COM1
COM0
LC1
LC2
LV1
LV2
LV3
GND
RSTP
FXO
FXI
TSTP
19. Important Note
1. Please bond the TSTP_P, RSTP_N and PRTD[7:0] with test points on PCB, which can be soldered
and probed, and connect TSTP_P pin with zero ohm resistor to GND (or copper wire which can be cut
easily on PCB) for good ESD protection. So that IC testing can be done on PCB, if necessary by
removing the 0-ohm resistor and driving TSTP_P pin to high.LV3 must small than 9.0 Volt. Otherwise
IC may breakdown.
20. Updated Record
Version
Date
Section
Original Content
New Content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com