Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE89C21 Datasheet(PDF) 12 Page - King blillion Electronics Co.,Ltd.

Part # HE89C21
Description  8-BIT MICRO-CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE89C21 Datasheet(HTML) 12 Page - King blillion Electronics Co.,Ltd.

Back Button HE89C21 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
King Billion Electronics Co., Ltd.
駿
億
電
子
股
份
有
限
公
司
HE89C21
HE80000 SERIES
January 20, 2003
12
V1.0E
controls enable or disable of the circuit.
OP2
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Field
IDLE
PNWK
TCWK
TBE
TBS[3..0]
Mode
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
-
-
0
-
-
-
-
TBE Function
0
Disable Time Base
1
Enable Time Base
For example, if the slow clock is 32768 Hz, then the interrupt frequency is as shown in following table.
TBS[3..0] Interrupt Frequency
0000
16.384 KHz
0001
8.192 KHz
0010
4.096 KHz
0011
2.048 KHz
0100
1.024 KHz
0101
512 Hz
0110
256 Hz
0111
128 Hz
1000
64 Hz
1001
32 Hz
1010
16 Hz
1011
8 Hz
1100
4 Hz
1101
2 Hz
1110
1 Hz
1111
0.5 Hz
12. Watch Dog Timer
Watch Dog Timer (WDT) is designed to reset system automatically prevent system dead lock caused by
abnormal hardware activities or program execution. WDT needs to be enabled in Mask Option.
MO_WDTE Function
0
WDT disable
1
WDT enable
To use WDT function, “CLRWDT” instruction needs to be executed in every possible program path
when the program runs normally in order to clears the WDT counter before it overflows, so that the
program can operate normally. When abnormal conditions happen to cause the MCU to divert from
normal path, the WDT counter will not be cleared and reset signal will be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com