Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE89C21 Datasheet(PDF) 8 Page - King blillion Electronics Co.,Ltd.

Part # HE89C21
Description  8-BIT MICRO-CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE89C21 Datasheet(HTML) 8 Page - King blillion Electronics Co.,Ltd.

Back Button HE89C21 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
King Billion Electronics Co., Ltd.
駿
億
電
子
股
份
有
限
公
司
HE89C21
HE80000 SERIES
January 20, 2003
8
V1.0E
SXI
SXO
33p
33p
32768Hz
If the dual clock mode is used, the LCD display, Timer1 and Timer Base will derive its clock source from
slow clock while the other blocks will operate with the fast clock.
9. General Purpose I/O
There are two dedicated general purpose I/O port, PRTC, PRTD. All the I/O Ports are bi-directional and
of non- tri-state output structure. The output has weak sourcing (50 µA) and stronger sinking (1 mA)
capability and each can be configured as push-pull or open-drain output structure individually by mask
option. The input port has built-in Schmidt trigger to prevent it from chattering. The hysteresis level of
Schmidt trigger is 1/3*VDD.
MO_?PP[...]
Output Structure
0
Open-drain output
1
Push-pull output
When the I/O port is used as input, the weakly high sourcing PMOS can be used as pull-up. Open drain
can be used if the pull-up is not required and let the external driver to drive the pin. Please note that a
floating pad could cause more power consumption since the noise could interfere with the circuit and
cause the input to toggle. A ‘1’ needs to be written to port first before reading the input data from the I/O
pin, otherwise, the pin will always be stuck at ‘0’. If the PMOS is used as pull-up, care should be taken to
avoid the constant power drain by DC path between pull-up and external circuit.
The initial state of most I/O ports is ‘1’ with one exception. The initial state of PRTD[2..0] is determined
by mask option MO_IH[2..0].
PRTD
Bit7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
1
1
1
1
1
MO_IH2 MO_IH1 MO_IH0
MO_IH[2..0] Initial State of PRTD[2..0]
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com