Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE89C21 Datasheet(PDF) 15 Page - King blillion Electronics Co.,Ltd.

Part # HE89C21
Description  8-BIT MICRO-CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE89C21 Datasheet(HTML) 15 Page - King blillion Electronics Co.,Ltd.

Back Button HE89C21 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
King Billion Electronics Co., Ltd.
駿
億
電
子
股
份
有
限
公
司
HE89C21
HE80000 SERIES
January 20, 2003
15
V1.0E
16. Recommended Operating Conditions
Item
Sym.
Rating
Condition
Supply Voltage
Vdd
2.4V ~ 5.5V
Vih
0.9 Vdd ~ Vdd
Input Voltage
Vil
0V ~ 0.1Vdd
8MHz
Vdd =5.0V
Operating Frequency
Fmax
4MHz
Vdd =2.4V
Operating Temperature
Top
00C ~ 700C
Storage Temperature
Tst
-500C ~ 1000C
17. AC/DC Characteristics
Test Condition: Temp. = 25 , VDD
℃
= 3V±10%, GND=0V
PARAMETER
Symbol MIN TYP MAX UNIT
CONDITION
Normal mode current
IFAST
0.75
1
mA 2M ext. R/C
Slow mode current
ISLOW
6
9
µA
32768 Hz, LCD Disabled
Idle mode current
IIDLE
4
7
µA
32768 Hz, LCD Disabled
Additional current if LCD
ON
ILCD
2
3
µA
LCD Enabled
Sleep mode current
ISLEEP
1
µA
Input high voltage
VIH
0.8
VDD Input pins
Input Low Voltage
VIL
0.2
VDD Input pins
Input Hysteresis Width
VHYS
1/3
VDD
I/O, RSTP_N, Threshold=2/3VDD(input
from low to high)
Threshold=1/3VDD(input from high to
low)
Output source current
IOH
50
µA
Output drive high*1, VOH =2.0V
Output sink current
IOL1
1.0
mA Output drive low, VOL= 0.4V
Input Low Current
IIL2
100
µA
I/O, VIL= GND, pull high Internally
Input Low Current
IIL1
20
µA
RSTP_N, VIL= GND, pull high Internally
1.
The “Output source current” specification is applicable only to the Push-Pull I/O type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com