Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE89C21 Datasheet(PDF) 3 Page - King blillion Electronics Co.,Ltd.

Part # HE89C21
Description  8-BIT MICRO-CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE89C21 Datasheet(HTML) 3 Page - King blillion Electronics Co.,Ltd.

  HE89C21 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
King Billion Electronics Co., Ltd.
駿
億
電
子
股
份
有
限
公
司
HE89C21
HE80000 SERIES
January 20, 2003
3
V1.0E
Pin Name
Pin #
I/O
Description
LV1
45
B LCD Charge Pump Voltage V1
LV2
46
B LCD Charge Pump Voltage V2
LV3
47
B LCD Charge Pump Voltage V3
GND
48
P
Power ground Input.
RSTP_N
49
I
System Reset input pin. Level trigger, active low on this pin will put the chip in reset
state.
FXO,
FXI
50, 51
O,
B
External fast clock pin. Two types of oscillator can be selected by MO_FXTAL (‘0’
for RC type and ‘1’ for crystal type). For RC type oscillator, one resistor need to be
connected between FXI and GND. For crystal oscillator, one crystal need to be
placed between FXI and FXO. Please refer to application for details.
TSTP_P
52
I
Test input pin. Please bond this pad and reserve a test point on PCB for debugging.
But for improving ESD, please connect this point with zero Ohm resistor to GND
.
SXO,
SXI
53, 54
O,
I
External slow clock pins. Slow clock is clock source for LCD display, TIMER1,
Time-Base, DTMF generator and other internal blocks. 32768 Hz crystal or resonator
should be used for DTMF generator to function properly.
VDD
55
P
Positive power Input. 0.1 µF decoupling capacitors should be placed as close to IC
VDD and GND pads as possible for best decoupling effect.
MUTE
56
O
MUTE is open drain type output for muting microphone of telephone speech
network.
DTMFO
57
O
Dual-Tone Multiple Frequency Tone Output for dialing purpose. It can also be used
as two-channel general purpose tone generator with frequency resolution of 1 Hz.
PRTD[7..0]
58 ~ 65
B
8-bit bi-directional general purpose I/O port D. The output type of I/O pad can also
be selected by mask option MO_DPP[7..0] (‘1’ for push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the
I/O as input, ‘1’ must be outputted before reading the pin.
The initial state of PRTD[2..0] can be determined by mask option MO_IH[2..0],
while initial state of PRTD[7..3] is always ‘1’.
PRTD[7..2] can be used as wake-up pins. PRTD[7..6] can be used as external
interrupt sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com