Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE89C21 Datasheet(PDF) 7 Page - King blillion Electronics Co.,Ltd.

Part # HE89C21
Description  8-BIT MICRO-CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE89C21 Datasheet(HTML) 7 Page - King blillion Electronics Co.,Ltd.

Back Button HE89C21 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
King Billion Electronics Co., Ltd.
駿
億
電
子
股
份
有
限
公
司
HE89C21
HE80000 SERIES
January 20, 2003
7
V1.0E
8. Oscillators
The MCU is equipped with two clock sources with a variety of selections on the types of oscillators to
choose from. So that system designer can select oscillator types based on the cost target, timing accuracy
requirements etc. With two clock sources available, the system can switch among operation modes of Fast,
Slow, Idle, and Sleep modes by the setting of OP1 and OP2 registers as shown in tables below to suit the
needs of application such as power saving, etc.
OP1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Field
1
STOP
SLOW
INTE
T2E
T1E
Z
C
Mode
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
1
0
0
0
0
0
-
-
OP2
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Field
IDLE
PNWK
TCWK
TBE
TBS[3..0]
Mode
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
-
-
0
-
-
-
-
Crystal, Resonator or RC oscillator can be used as fast clock source. External components should be
placed as close to the oscillator pins as possible. The type of oscillator used is selected by mask option
MO_FXTAL.
MO_FXTAL Fast clock type
0
RC Oscillator.
1
Crystal Oscillator.
VDD
FXI
FXI
FXO
R
C
Slow clock is clock source for LCD display, Timer1, and Timer Base, etc. Crystal oscillator can be used
as slow clock. If used in feature phone applications, 32768 Hz crystal is suggested to generate DTMF
tone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com