Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE89C21 Datasheet(PDF) 10 Page - King blillion Electronics Co.,Ltd.

Part # HE89C21
Description  8-BIT MICRO-CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE89C21 Datasheet(HTML) 10 Page - King blillion Electronics Co.,Ltd.

Back Button HE89C21 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
King Billion Electronics Co., Ltd.
駿
億
電
子
股
份
有
限
公
司
HE89C21
HE80000 SERIES
January 20, 2003
10
V1.0E
T1H
T1L
"Timer1 Counter"
decreases 1
Count TO
0xFFFFh
Auto reload when
Timer1 underflow
No
Start Timer1
Interrupt Request.
Yes
The contents of T1H and
T1L almost loaded into
Timer1 immediately
when Timer1 is turned on
after reset.
T1_INT
The Timer1 related control registers are list as below:
Register Address
Field
Bit position Mode
Description
IER
0x02
TC1_IER
2
R/W 0: TC1 interrupt is disabled. (default)
1: TC1 interrupt is enabled.
T1L
0x03
T1L[7:0]
7~0
W
Low byte of TC1 pre-load value
T1H
0x04
T1H[7:0]
7~0
W
High byte of TC1 pre-load value
OP1
0x09
TC1E
2
R/W 0: TC1 is disabled. (default)
1: TC1 is enabled.
11. Timer2
Timer2 is similar in structure to Timer1 except that clock source of Timer2 comes from the system clock
“Fsys”/1.5. The system clock “Fsys” varies depending on the operation modes of the MCU.
The Timer2 consists of two 8-bit write-only preload registers T2H and T2L and 16-bit down counter. If
Timer2 is enabled, counter will decrement by one with each incoming clock pulse. Timer2 interrupt will
be generated when the counter underflows - counts down to FFFFH. And it will be automatically reloaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com