Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 35Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 36Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 37Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 38Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 39Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 40Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 41Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 42Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 225 page
background image
Chapter 1 The TMPR3916
Preliminary
1-2
1.2
Features
Miscellaneous:
•
60 MHz maximum operating frequency:
•
208 pin QFP package (QFP208-P-2828-0.50)
•
3.3 V power supply voltage
•
ca. 1200mW Maximum Power Dissipation
•
-40°C to 85°C operating ambient temperature
•
Built-in clock generator
•
5V tolerant I/Os on UARTs, TXSEI and CAN-bus interface
•
Unified memory architecture with a high performance dual bus structure (Video bus + CPU bus)
Graphics Display Controller:
•
Four-layer (A-D) overlay hardware processing with transparent color:
•
Layer A, B can display 256 out of 64 K colors each
•
Layer C, D can display 16 out of 64 K colors each
•
Alternatively layer A may be configured in picture mode with 64K colors
•
SDRAM and SRAM frame-buffer memory (SRAM recommended only for low resolutions)
•
Burst access to frame-buffer memory
•
16 bytes built-in dot buffer
•
Built-in color look-up tables (for plane A-D, 544 colors in total)
•
Built-in three-channel 6-bit video DAC, alternatively connection to digital displays (digital RGB
output)
•
Dotclock, horizontal and vertical synchronisation signals can be generated internally or input from
external device
Built-in TX39 Core:
•
Toshiba-developed TX39H core based on MIPS R3000A architecture
•
4 KB Instruction Cache, 1 KB Data Cache
•
Built-in debug support unit for in-system debugging incl. real time PC-tracing
•
Big-endian coding
Peripheral Controllers:
•
Memory Controller (MEMC), 4 channels for SRAM, ROM, Flash
•
SDRAM controller (SDRAMC), 2 channels
•
DMA controller (DMAC), 2 channels
•
Interrupt controller (INTC), 13 internal interrupts, 3 external interrupts, 1 non-maskable interrupt (NMI)
•
Serial I/O : UART 4 channels, TXSEI 1 channel (SPI compatible, with FIFO´s)
•
CAN-bus controller (TXCAN), 2 channels, 16 mailboxes each
•
30 Pin General Purpose I/O´s (PORT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com