Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 62 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 62 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 58Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 59Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 60Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 61Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 62Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 63Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 64Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 65Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 66Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 225 page
background image
Chapter 2 Memory Controller (MC)
Preliminary
2-13
Address Mask Register (DCAM)
Bit
31
22
21
16
Name
AMX
Bit
15
6
5
0
Name
AMY
Bit
Name
Function
Reset
Value
R/W
31:22
AMX
Address Mask Memory Channel X
This field is used to mask the base address for memory bank X.
1 = Bit is taken into account during comparison
0 = Bit is don’t care for the comparison
The base address mask is used to select the memory part of an
appropriate size. It is also possible to mirror DRAM memory parts or
to protect memory parts using this register.
0
R/W
21:16
Wired to zero
0R
15:6
AMY
Address Mask Memory Channels Y
The same as for memory channels X.
0
R/W
5:0
Wired to zero
0R
Timing Register (DCTR)
Bit
313029
282726252423
222120191817
16
Name
RFC
WRL
Bit
15
14
13
12
11
10
987
654321
0
Name
APL
RASL
CASL
PAL
ARL
Bit
Name
Function
Reset
Value
R/W
31:18
RFC
Refresh Counter Reload Value
This field provides the reload value for the internal refresh counter.
The refresh counter is implemented as a 14 bit down counter, which
reloads and issues a refresh request, every time a value of 0 is
reached.
This Settings depends on the specified refresh cycle time and
number of rows of the connected memory devices:
Register Value =
Rows
of
Number
Frequency
Operation
Time
fresh
Re
(Example settings at 60 MHz, counter values / settings in Hex)
Time
2 K Row
4 K Row
8 K Row
32 ms
0x03A9
0x01D4
0x00EA
64 ms
0x0752
0x03A9
0x01D4
128 ms
0x0EA4
0x0752
0x03A9
0x1000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com