Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 57 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 57 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 53Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 54Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 55Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 56Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 57Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 58Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 59Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 60Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 61Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 225 page
background image
Chapter 2 Memory Controller (MC)
Preliminary
2-8
2.5.2
SDRAM Controller Function / Bank Interleaving
The SDRAMC module functions as an advanced DRAM controller for synchronous DRAM. The
TMPR3916 SDRAMC is “advanced” compared to regular SDRAM controllers in the way that it is
capable of handling two different MCU busses at the same time.
SDRAM memory devices are usually organized in 4 different banks. All of these banks contain a
high-speed static RAM memory buffer, which allows fast sequential access once a DRAM memory row
has been sensed into these buffers. The sensing of the DRAM memory row and the rewriting of the
sensed row are major contributors to the total duration of each memory access.
The following picture shows the benefits of the dual-bus structure:
Single G-Bus SDRAM Controller
Command
DQ
(Output)
GBusA
Start
GBus A
Data
ACTV
A
NOP
NOP
READ
A
NOP
NOP
PCHG
A
NOP
NOP
READ
B
NOP
NOP
PCHG
B
ACTV
B
NOP
QA1
QA2
QA3
QB1
QB2
QB3
QB4
QA4
NOP
NOP
NOP
NOP
Command
DQ
(Output)
GBusA
Start
GBus A
Data
GBus B
Start
GBus B
Data
Dual G-Bus SDRAM Controller
QA2
QA3
QB1
QB2
QB3
QB4
QA4
ACTV
A
NOP
NOP
READ
A
NOP
NOP
PCHG
A
READ
B
PCHG
B
ACTV
B
QB1
QB2
QB3
QA4
NOP
NOP
NOP
QA2
QA3
QB1
QB2
QB3
QB4
QA4
NOP
NOP
QA1
QB4
QA1
QA1
QA2
QA3
MCU Access
Video/DMA Access
MCU Access
Video/DMA Access
Figure 2.5.1 Benefits of Dual-Bus Structure
A regular SDRAM memory controller with only one MCU-bus interface will connect both the MCU
and the video-controller on one bus. By transferring the bus-ownership both components access the
external DRAM memory. Typically, the SDRAM controller is able to work with only one address at the
same time. It will not know the address for the next access before the previous transfer has been
completed.
A dual G-Bus memory controller always knows the state and address of both busses. Therefore, it is
possible to work with both addresses at the same time.
The dual G-Bus structure can only be effectively used, if the following condition is met:
The two busses should utilize either different banks of the same channel or two different channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com