Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 86 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 86 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 82Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 83Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 84Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 85Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 86Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 87Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 88Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 89Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 90Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 225 page
background image
Chapter 3 Graphics Display Controller (GDC)
Preliminary
3-7
Note that the use of external synchronization signals needs processing time. Therefore the input
signals HSYNC and VSYNC are delayed internally. To compensate this delay, set the horizontal
display-related registers -3, the vertical display-related registers need not be changed. For positive mode
set the horizontal display-related register –6 and the vertical display-related register -2.
When using external HSYNC and VSYNC signals, the horizontal synchronization pulse width
(HSWR), vertical synchronization pulse width (VSWR), horizontal cycle register (HCR) and vertical
cycle register (VCR) settings are invalid.
External composite synchronization signals cannot be processed by the TMPR3916.
Please note also that due to internal data structures HDS and HDE are automatically incremented by
8 so that the effective values are HDS+8 and HDE+8.
3.1.4
Dots and Pixels
The GDC is able to support both, dot and pixel on digital output. The 16-bit data for one dot is
divided into R (red), G (green), and B (blue). A pixel represents one of these colors in a 6-bit value. In
consequence one dot represents three pixels as shown in the following figure:
15
11
~10
6
~
50
~
0/1
R[5:0]
G[5:0]
B[5:0]
16-bit dot data
6-bit pixel data
0/1
Figure 3.1.9 Partitioning RGB Data into Dot and Pixel Data
Each six bits of RGB data are input to the 6-bit DAC (three channels) in the GDC. The LSB of R and
G transmitted to the DAC data are always fixed to zero.
In dot mode (DCR[3] = 0) the GDC supports dots on the digital RGB port (PIO[15:0]) and dot clock
on the DOTCLK port. In pixel mode (DCR[3] = 1) the GDC supports pixels on the lower 6 ports of the
digital RGB port (PIO[5:0]) and pixel clock on the DOTCLK port. Within the pixel mode the LSB of R
and G are equal to bit 4 of the DCR register (DCR[4]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com