Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 92 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 92 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 88Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 89Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 90Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 91Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 92Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 93Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 94Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 95Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 96Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 225 page
background image
Chapter 3 Graphics Display Controller (GDC)
Preliminary
3-13
3.4
Registers
Overview
Short
Name
Address
Name
Function
DCR
1C050000
display control register
Sets the GDC operations.
SARA/E
1C050010
Layer A/E’s start address register
Specifies the start address of layer A/E on the
frame buffer.
SARB
1C050014
Layer B’s start address register
Specifies the start address of layer B on the
frame buffer.
SARC
1C050018
Layer C’s start address register
Specifies the start address of layer C on the
frame buffer.
SARD
1C05001C
Layer D’s start address register
Specifies the start address of layer D on the
frame buffer.
MWRA/E
1C050020
Layer A/E’s Memory Width register
Specifies the line width of layer A/E on the frame
buffer.
MWRB
1C050024
Layer B’s Memory Width register
Specifies the line width of layer B on the frame
buffer.
MWRC
1C050028
Layer C’s Memory Width register
Specifies the line width of layer C on the frame
buffer.
MWRD
1C05002C
Layer D’s Memory Width register
Specifies the line width of layer D on the frame
buffer.
HTN
1C050030
Layer A/E, B, C’s horizontal transfer
number register
Sets the number of display dots for one line
divided by 32. For layers A/E, B, and C.
HTND
1C050034
Layer D’s horizontal transfer number
register
Sets the number of display dots for one line
divided by 32. For layer D.
HDSER
1C050038
Layer A/E, B, C’s horizontal display start /
end register
Sets the layer’s display position and the number
of display dots for layers A/E, B, and C.
HDSERD
1C05003C
Layer D’s horizontal display start / end
register
Sets the horizontal display position and the
number of display dots for layer D.
HCR
1C050040
horizontal cycle register
Specifies the total number of dots within a
horizontal cycle.
HSWR
1C050044
horizontal synchronization pulse width
register
Specifies the horizontal sync signal pulse width
using the number of dot clocks.
VCR
1C050048
vertical cycle register
Specifies the total number of lines within a
vertical cycle.
VSWR
1C05004C
vertical synchronization pulse width
register
Specifies the vertical sync signal pulse width
using the number of lines.
VDSR
1C050050
Layer A/E, B, C’s vertical display start
register
Sets the vertical display start position for layers
A/E, B, and C.
VDSRD
1C050054
Layer D’s vertical display start register
Sets the vertical display start position for layer D.
VDER
1C050058
Layer A/E, B, C’s vertical display end
register
Sets the vertical display end position for layers
A/E, B, and C. The difference VDER – VDSR
defines the number of display dots for layers A/E,
B, and C.
VDERD
1C05005C
Layer D’s vertical display end register
Sets the vertical display end position for layer D.
The different VDERD – VDSRD defines the
number of display dots for layer D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com