Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 55 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 55 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 51Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 52Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 53Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 54Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 55Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 56Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 57Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 58Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 59Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 225 page
background image
Chapter 2 Memory Controller (MC)
Preliminary
2-6
2.3
Ports of Memory Controller
The SDRAM controller externally connects up to two channels of SDRAM memory. Each of the two
SDRAM controller channels has its own organization register and can support different device sizes and
organization. The timing settings are shared for both channels and must be the same for both channels.
Refresh is conducted on both channels in parallel.
The memory channels share the memory data, address and control busses with the exception of the chip-
select signal, which is wired individually for each channel. Each channel must be connected with a width of
32 bits. Devices with organizations of 4, 8, 16 and 32 bit width can be used as long as the connected devices
jointly form a 32 bit channel. The following table summarizes the externally connected memory signals.
Signal
Type
Description
SYSCLK
OUT
DRAM Clock
A[14:2]
OUT
Row/Column Address Bus,
connect to A at the SDRAM device
A[16:15]
OUT
Bank Address Bus,
connect to BA at the SDRAM device
RAS*
OUT
Row Access Strobe signal
CAS*
OUT
Column Access Strobe signal
WE*
OUT
Write Enable Signal
CKE
OUT
Clock Enable Signal for SDRAM
CS*[1:0]
OUT
Chip Select Signal, one for each SDRAM channel
CS[0] => channel X
CS[1] => channel Y
D[31:0]
IN/OUT
Data Bus,
connect to DQ at the SDRAM device
BE[3:0]
OUT
Output Mask,
connect to DQM at the SDRAM device
2.4
Registers
The following registers are used for configuration and operation of the TMPR3916 memory channels 2 to
5 via MEMC. For channels 0 and 1 (SDRAM) refer to section 2.5.4.
Device
Register
(short name)
Physical
Address (hex)
Function
RCCR2
1C02 0008H
ROM Control Register Channel 2
RCCR3
1C02 000CH
ROM Control Register Channel 3
RCCR4
1C02 0010H
ROM Control Register Channel 4
MEMC
RCCR5
1C02 0014H
ROM Control Register Channel 5
DCCR
1C02 8000H
SDRAM Configuration Register
DCBA
1C02 8004H
SDRAM Base Address Register
DCAM
1C02 8008H
SDRAM Address Mask Register
SDRAM
DCTR
1C02 800CH
SDRAM Timing Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com