Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 96 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 96 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 92Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 93Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 94Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 95Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 96Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 97Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 98Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 99Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 100Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 225 page
background image
Chapter 3 Graphics Display Controller (GDC)
Preliminary
3-17
Horizontal Transfer Number Register (HTND) for layer D
Bit
31
21
20
16
15
0
Name
HTND
Bit
Name
Function
Reset
Value
R/W
31:21
Wired to zero
0R
20:16
HTND
Line Size of Layer D
These specify the number of data transfers for one line. Sets the
number of display dots for one line divided by 32.
0
R/W
15:0
Wired to zero
0R
Note:
HTND is always rounded to the higher integer value. It is for layer D only as layer D may
have a different size.
Horizontal Display Start/ End Register (HDSER) for layers A/E, B and C
Bit
31
2423
1615
10
9
0
Name
HDS
HDE
Bit
Name
Function
Reset
Value
R/W
31:24
Wired to zero
0R
23:16
HDS
These specify the horizontal display start position using the number
of dot clocks, starting from the HSYNC* signal falling edge.
0x2D
R/W
15:10
Wired to zero
0R
9:0
HDE
These specify the horizontal display end position using the number
of dot clocks, starting from the HSYNC* signal falling edge.
Number of dots displayed during one period = HDE – HDS
0x15D
R/W
Note:
The lowest value allowed for HDS and HDE is 2hex.
Due to internal data structures effective values are HDS+9 and HDE+8.
Horizontal Display Start/ End Register (HDSERD) for layer D
Bit
31
2423
1615
10
9
0
Name
HDSD
HDED
Bit
Name
Function
Reset
Value
R/W
31:26
Wired to zero
0R
25:16
HDSD
These specify the horizontal display start position using the number
of dot clocks, starting from the HSYNC* signal falling edge.
0x2D
R/W
15:10
Wired to zero
0R
9:0
HDED
These specify the horizontal display end position using the number
of dot clocks, starting from the HSYNC* signal falling edge.
Number of dots displayed during one period = HDED - HDSD
0x15D
R/W
Note:
The lowest value allowed for HDSD and HDED is 2hex.
Due to internal data structures effective values are HDS+9 and HDE+8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com