Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 24Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 25Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 26Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 27Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 28Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 29Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 30Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 31Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 32Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 225 page
background image
3 General Safety Precautions and Usage Considerations
3-13
(1) Using a soldering iron
Complete soldering within ten seconds for lead temperatures of up to 260°C, or within three
seconds for lead temperatures of up to 350°C.
(2) Using medium infrared ray reflow
• Heating top and bottom with long or medium infrared rays is recommended (see Figure 3).
Long infrared ray heater (preheating)
Medium infrared ray heater
(reflow)
Product flow
Figure 3 Heating top and bottom with long or medium infrared rays
• Complete the infrared ray reflow process within 30 seconds at a package surface temperature
of between 210°C and 240°C.
• Refer to Figure 4 for an example of a good temperature profile for infrared or hot air reflow.
210
30 s
or less
Time (s)
60-120 s
(°C)
240
160
140
Figure 4 Sample temperature profile for infrared or hot air reflow
(3) Using hot air reflow
• Complete hot air reflow within 30 seconds at a package surface temperature of between 210°C
and 240°C.
• For an example of a recommended temperature profile, refer to Figure 4 above.
(4) Using solder flow
• Apply preheating for 60 to 120 seconds at a temperature of 150°C.
• For lead insertion-type packages, complete solder flow within 10 seconds with the
temperature at the stopper (or, if there is no stopper, at a location more than 1.5 mm from
the body) which does not exceed 260°C.
• For surface-mount packages, complete soldering within 5 seconds at a temperature of 250°C or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com