Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 41Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 42Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 43Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 44Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 45Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 46Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 47Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 48Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 49Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 225 page
background image
Chapter 1 The TMPR3916
Preliminary
1-8
1.6
Clocks
The TMPR3916 incorporates an eight-times PLL clock generator. Connect a crystal oscillator with 1/8
the frequency of the processor clock (processor clock = TX39 core input clock frequency). To reduce power
dissipation and simplify system design, the TMPR3916 can control the TX39 core operating frequency and
the bus operation reference frequency.
Clock Types:
•
Master clock
Master clock regulates the TMPR3916 operations. The clock is eight times the frequency of the
external crystal oscillator.
•
Processor clock
This clock is used for TMPR3916 processor core operations. It has the same frequency as the master
clock. (When using this clock, set reduced frequency indicator RF[1:0] of the core configuration register
to 00. The processor clock will not operate if RF is set to any other value.)
•
System clock
The system clock regulates the TMPR3916 bus operations. It is generated from the processor clock
and is of the same frequency and phase. This clock is output to pin SYSCLK.
Setting the CLKEN pin to low stops all clocks of the device. The SYSCLK pin is set to high in this state
and power-consumption is reduced to a minimum. The processor can resume its function immediately after
the CLKEN pin has been asserted. For further information see chapter “Electrical Characteristics”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com