Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 25Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 26Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 27Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 28Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 29Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 30Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 31Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 32Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 225 page
background image
3 General Safety Precautions and Usage Considerations
3-14
less in order to prevent thermal stress in the device.
• Figure 5 shows an example of a recommended temperature profile for surface-mount packages
using solder flow.
5 s
or less
60-120 s
(°C)
250
160
140
Time (s)
Figure 5 Sample temperature profile for solder flow
3.5.4
Flux cleaning and ultrasonic cleaning
(1) When cleaning circuit boards to remove flux, make sure that no residual reactive ions such
as Na or Cl remain. Note that organic solvents react with water to generate hydrogen
chloride and other corrosive gases which can degrade device performance.
(2) Washing devices with water will not cause any problems. However, make sure that no
reactive ions such as sodium and chlorine are left as a residue. Also, be sure to dry devices
sufficiently after washing.
(3) Do not rub device markings with a brush or with your hand during cleaning or while the
devices are still wet from the cleaning agent. Doing so can rub off the markings.
(4) The dip cleaning, shower cleaning and steam cleaning processes all involve the chemical
action of a solvent. Use only recommended solvents for these cleaning methods. When
immersing devices in a solvent or steam bath, make sure that the temperature of the liquid
is 50°C or below, and that the circuit board is removed from the bath within one minute.
(5) Ultrasonic cleaning should not be used with hermetically-sealed ceramic packages such as a
leadless chip carrier (LCC), pin grid array (PGA) or charge-coupled device (CCD), because
the bonding wires can become disconnected due to resonance during the cleaning process.
Even if a device package allows ultrasonic cleaning, limit the duration of ultrasonic cleaning
to as short a time as possible, since long hours of ultrasonic cleaning degrade the adhesion
between the mold resin and the frame material. The following ultrasonic cleaning conditions
are recommended:
Frequency: 27 kHz
∼ 29 kHz
Ultrasonic output power: 300 W or less (0.25 W/cm2 or less)
Cleaning time: 30 seconds or less
Suspend the circuit board in the solvent bath during ultrasonic cleaning in such a way that
the ultrasonic vibrator does not come into direct contact with the circuit board or the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com