Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 15Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 16Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 17Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 18Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 19Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 20Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 21Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 22Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 225 page
background image
3 General Safety Precautions and Usage Considerations
3-4
3.2
Storage
3.2.1
General storage
• Avoid storage locations where devices will be exposed to moisture or direct sunlight.
• Follow the instructions printed on the device cartons regarding
transportation and storage.
• The storage area temperature should be kept within a
temperature range of 5°C to 35°C, and relative humidity
should be maintained at between 45% and 75%.
• Do not store devices in the presence of harmful (especially
corrosive) gases, or in dusty conditions.
• Use storage areas where there is minimal temperature fluctuation. Rapid temperature changes
can cause moisture to form on stored devices, resulting in lead oxidation or corrosion. As a
result, the solderability of the leads will be degraded.
• When repacking devices, use anti-static containers.
• Do not allow external forces or loads to be applied to devices while they are in storage.
• If devices have been stored for more than two years, their electrical characteristics should be
tested and their leads should be tested for ease of soldering before they are used.
3.2.2
Moisture-proof packing
Moisture-proof packing should be handled with care. The handling
procedure specified for each packing type should be followed scrupulously.
If the proper procedures are not followed, the quality and reliability of
devices may be degraded. This section describes general precautions for
handling moisture-proof packing. Since the details may differ from device
to device, refer also to the relevant individual datasheets or databook.
(1) General precautions
Follow the instructions printed on the device cartons regarding transportation and storage.
• Do not drop or toss device packing. The laminated aluminum material in it can be rendered
ineffective by rough handling.
• The storage area temperature should be kept within a temperature range of 5°C to 30°C, and
relative humidity should be maintained at 90% (max). Use devices within 12 months of the
date marked on the package seal.
@@
Humidity:
Temperature:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com