Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 80 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 80 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 76Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 77Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 78Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 79Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 80Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 81Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 82Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 83Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 84Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 225 page
background image
Chapter 3 Graphics Display Controller (GDC)
Preliminary
3-1
3.
Graphics Display Controller (GDC)
The graphics display controller contains the following characteristics:
•
Supports SDRAM and SRAM frame buffer
→ Burst mode for reading on SDRAM
•
Supports four-layer overlay display function using hardware processing
Layer A/E:
Map mode (256 colors) – referred to as layer A,
Picture mode (65,536 colors) – referred to as layer E
Layer B:
Map mode (one of the 256 colors is transparent)
Layer C:
Map mode (one of the 16 colors is transparent)
Layer D:
Map mode (one of the 16 colors is transparent)
→ Displaying layers A and E together is not possible.
→ Layer D screen size can be set independently of the other layer sizes.
→ Incorporates a 544 entries color palette (256 colors × two layers and 16 colors × two layers).
•
Display control:
→ Non-interlaced scanning
→ Smooth scrolling (vertical and horizontal) for layers A, B, C and D
→ Generates and outputs synchronization signals (HSYNC, VSYNC / CSYNC), also supports control by
external synchronization signal input.
→ Both digital and analog RGB signal output
•
Dot clock:
→ Supports internal and external dot clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com