Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 176 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 176 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 172Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 173Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 174Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 175Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 176Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 177Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 178Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 179Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 180Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-174
3.11 AD Converter
TMP93CS44/S45 incorporate a high-speed, high-precision 10-bit analog/digital converter (AD
converter) with 8-channel analog input.
Figure 3.11.1 is a block diagram of the AD converter. The 8-channel analog input pins (AN0 to
AN7) are also used as input-only port 5 and can be also used as input ports.
Figure 3.11.1 Block Diagram of AD Converter
Note 1:
When the power supply current is reduced in IDLE2, IDLE1, STOP mode, there is possible to set
a standby enabling the internal comparator due to a timing. Stop operation of AD converter before
execution of “HALT” instruction.
Note 2:
In regard to the lowest operation frequency.
The operation of AD converter is guaranteed with clock of fFPH ≥ 4 MHz (Used fc clock). Is not
guaranteed with fs clock.
Internal data bus
ADMOD0
<EOCF> <ADBF> <ITM0> <REPET> <SCAN> <ADS>
ADMOD1
<ADCH2:0>
<VREFON>
<ADTRGE>
AD converter
control circuit
Scan
Repeat
Interrupt
Busy
End
Start
ADTRG
AD conversion
result register
ADREG04L to 37L
ADREG04H to 37H
DA converter
Sample
hold
Channel select
AN7 (P57)
AN6 (P56)
AN5 (P55)
AN4 (P54)
AN3/ ADTRG (P53)
AN2 (P52)
AN1 (P51)
AN0 (P50)
VREFH
VREFL
INTAD
interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com